Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-48-
Register Descriptions - Super-I/O I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Index EE – Serial Port Configuration .............................RW
7
Serial Port 2 High Speed Enable
0
Disable ...................................................default
1Enable
6
Serial Port 1 High Speed Enable
0
Disable ...................................................default
1Enable
5-3
Serial Port 2 Mode
000 Standard
001 IrDA (HIPSIR)
010 Amplitude shift keyed IR @ 500KHz
011 -reserved-
1xx -reserved-
2
Serial Port 2 Half Duplex
0
Disable ...................................................default
1Enable
1
Serial Port 2 TX Output Inversion
0
Disable ...................................................default
1Enable
0
Serial Port 2 RX Input Inversion
0
Disable ...................................................default
1Enable
Index EF – Power Down Control.....................................RW
7-6
Reserved
........................................ always reads 0
5
Clock Power Down
0
Normal operation ...................................default
1Power Down
4
Parallel Port Power Down
0
Normal operation ...................................default
1Power Down
3
Serial Port 2 Power Down
0
Normal operation ...................................default
1Power Down
2
Serial Port 1 Power Down
0
Normal operation ...................................default
1Power Down
1
FDC Power Down
0
Normal operation ...................................default
1Power Down
0
All Power Down
0
Normal operation ...................................default
1Power Down All
Index F0 – Parallel Port Control ..................................... RW
7
PS2 Type BiDirectionl Parallel Port
0
Disable................................................... default
1Enable
6
EPP Direction by Register not by IOW
0
Disable................................................... default
1Enable
5
EPP+ECP
0
Disable................................................... default
1Enable
4
EPP Version
0
Version 1.9 ............................................ default
1
Version 1.7
3-0
Reserved
........................................ always reads 0
Index F1 – Serial Port Control ........................................ RW
7-6
Reserved
........................................ always reads 0
5
IR Loop Back
0
Disable................................................... default
1Enable
4
Serial Port 2 Power-Down State
0
Normal ................................................... default
1
Tristate output in power down mode
3
Serial Port 1 Power-Down State
0
Normal ................................................... default
1
Tristate output in power down mode
2
IR Dedicated Pin (IRTX/IRRX) Select
0
IRTX / IRRX Output from Serial Port 2...... def
1
Function 0 Rx76[5] = 0:
IRRX output from dedicated pin D12
IRTX output from dedicated pin E12
1-0
Reserved
........................................ always reads 0
Index F2 – Test Mode (Do Not Program) ....................... RW
Index F4 – Test Mode (Do Not Program) ....................... RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com