| Electronic Components Datasheet Search |
|
VT8231 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -20- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Serial Port and Infrared Interface Signal Name Pin # I/O Signal Description TXD B15 O Transmit Data. Serial port transmit data out. RXD E14 I Receive Data. Serial port receive data in. IRTX / GPO14 R8 O / O Infrared Transmit. IR transmit data out (Rx76[5] = 0) selectable from serial port 1, 2, or 3. General Purpose Output 14 if Rx76[5] = 1 IRRX / GPO15 U8 I / O Infrared Receive. IR receive data in (Rx76[5] = 0) selectable to serial port 1, 2, or 3. General Purpose Output 15 if Rx76[5] = 1 IRRX2 / GPI T8 I / I Infrared Receive. IR receive data in (Rx76[5] = 0) RTS# A15 O Request To Send. Indicator that the serial output port is ready to transmit data. Typically used as hardware handshake with CTS# for low level flow control. Designed for direct input to external RS-232C driver. CTS# B16 I Clear To Send. Indicator to the serial port that an external communications device is ready to receive data. Typically used as hardware handshake with RTS# for low level flow control. Designed for input from external RS-232C receiver. DTR# A16 O Data Terminal Ready. Indicator that serial port is powered, initialized, and ready. Typically used as hardware handshake with DSR# for overall readiness to communicate. Designed for direct input to external RS-232C driver. DSR# D14 I Data Set Ready. Indicator to serial port that an external serial communications device is powered, initialized, and ready. Typically used as hardware handshake with DTR# for overall readiness to communicate. Designed for direct input from external RS-232C receiver. DCD# F14 I Data Carrier Detect. Indicator to serial port that an external modem is detecting a carrier signal (i.e., a communications channel is currently open). In direct connect environments, this input will typically be driven by DTR# as part of the DTR/DSR handshake. Designed for direct input from external RS-232C receiver. RI# C16 I Ring Indicator. Indicator to serial port that an external modem is detecting a ring condition. Used by software to initiate operations to answer and open the communications channel. Designed for direct input from external RS-232C receiver (whose input is typically not connected in direct connect environments). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |