Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-88-
Function 4 Regs - Power Management, SMBus and HWM
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 54 – Power Well Control ...................................... WO
7
SMBus Clock Select
0
SMBus Clock from 14.31818 MHz Divider def
1
SMBus Clock from RTC 32.768 KHz
6
STR Power Well Output Gating
0
Disable ...................................................default
1Enable
5
SUSC# = 0 for STR
0
Disable ...................................................default
1Enable
4
SUSST1# / GPO3 Select (Pin V10)
0
SUSST1#................................................default
1GPO3
3
GPO2 / SUSB# Select (Pin W9)
0
SUSB#....................................................default
1GPO2
Before chip rev C, these definitions were reversed
2
GPO1 / SUSA# Select (Pin V9)
0
SUSA# ...................................................default
1GPO1
Before chip rev C, these definitions were reversed
1-0
GPO0 (SLOWCLK) Output Selection (Pin T8)
00 From GPO0 (PMU I/O Rx4C[0])...........default
01 1 Hz
10 4 Hz
11 16 Hz
Offset 55 – USB Wakeup.................................................. RW
7-1
Reserved
........................................ always reads 0
0
USB Wakeup for STR/STD/Soff
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com