Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 35Page - Semtech Corporation GS2961 Datasheet HTML 36Page - Semtech Corporation GS2961 Datasheet HTML 37Page - Semtech Corporation GS2961 Datasheet HTML 38Page - Semtech Corporation GS2961 Datasheet HTML 39Page - Semtech Corporation GS2961 Datasheet HTML 40Page - Semtech Corporation GS2961 Datasheet HTML 41Page - Semtech Corporation GS2961 Datasheet HTML 42Page - Semtech Corporation GS2961 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
39 of 104
The extracted 8-bit data is presented on DOUT[17:10] such that DOUT[17:10] = HOUT ~
AOUT, where AOUT is the least significant bit of the decoded transport stream data.
In addition, the DOUT19 and DOUT18 pins are configured as DVB-ASI status signals
WORDERR and SYNCOUT respectively.
SYNCOUT is HIGH whenever a K28.5 sync character is output from the device.
WORDERR is HIGH whenever the device has detected a running disparity error or
illegal code word.
4.9.4 Parallel Output in Data-Through Mode
This mode is enabled when the SMPTE_BYPASS and DVB_ASI pins are LOW.
In this mode, data is passed to the output bus without any decoding, descrambling or
word-alignment.
The output data width (10-bit or 20-bit) is controlled by the setting of the 20bit/10bit pin.
4.9.5 Parallel Output Clock (PCLK)
The frequency of the PCLK output signal of the GS2961 is determined by the output data
rate and the 20bit/10bit pin setting. Table 4-6 lists the output signal formats according to
the data format selected in Manual mode (AUTO/MAN bit in the host interface is set
LOW), or detected in Auto Mode (AUTO/MAN bit in the host interface is set HIGH).
Table 4-6: GS2961 PCLK Output Rates
Output Data
Format
Pin/Control Bit Settings
PCLK Rate
20bit/
10bit
RATE_DET0
RATE_DET1
SMPTE_
BYPASS
DVB-ASI
20-bit demultiplexed
HD format
HIGH
LOW
LOW
HIGH
LOW
74.25 or
74.25/1.001MHz
20-bit data output
HD format
HIGH
LOW
LOW
LOW
LOW
74.25 or
74.25/1.001MHz
20-bit demultiplexed
SD format
HIGHHIGHX
HIGH
LOW
13.5MHz
20-bit data output
SD format
HIGHHIGH
X
LOW
LOW
13.5MHz
20-bit demultiplexed
3G format
HIGHLOW
HIGHHIGH
LOW
148.5 or
148.5/1.001MHz
10-bit multiplexed
3G DDR format
LOW
LOW
HIGHHIGH
LOW
148.5 or
148.5/1.001MHz
10-bit multiplexed
HD format
LOW
LOW
LOW
HIGH
LOW
148.5 or
148.5/1.001MHz
10-bit data output
HD format
LOW
LOW
LOW
LOW
LOW
148.5 or
148.5/1.001MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com