Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 45Page - Semtech Corporation GS2961 Datasheet HTML 46Page - Semtech Corporation GS2961 Datasheet HTML 47Page - Semtech Corporation GS2961 Datasheet HTML 48Page - Semtech Corporation GS2961 Datasheet HTML 49Page - Semtech Corporation GS2961 Datasheet HTML 50Page - Semtech Corporation GS2961 Datasheet HTML 51Page - Semtech Corporation GS2961 Datasheet HTML 52Page - Semtech Corporation GS2961 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
49 of 104
4.12.1 CEA-861 Timing Generation
The GS2961 is capable of generating CEA 861 timing instead of SMPTE HVF timing for
all of the supported video formats.
This mode is selected when the TIM_861 pin is HIGH.
Horizontal sync (HSYNC), Vertical sync (VSYNC), and Data Enable (DE) timing are
output on the STAT[2:0] pins by default.
Table 4-9 shows the CEA-861 formats supported by the GS2961:
4.12.1.1 Vertical Timing
When CEA861 timing is selected, the device outputs standards compliant CEA861
timing signals as shown in the figures below; for example 240 active lines per field for
SMPTE 125M.
The register bit TRS_861 is used to select DFP timing generator mode which follows the
vertical blanking timing as defined by the embedded TRS code words. This setting is
helpful for 525i. When TRS_861 is set LOW, DE will go HIGH for 480 lines out of 525.
When TRS_861 is set HIGH, DE will go HIGH for 487 lines out of 525.
The timing of the CEA 861 timing reference signals can be found in the CEA 861
specificaitons. For information, they are included in the following diagrams. These
diagrams may not be comprehensive.
Table 4-9: Supported CEA-861 Formats
Format
CEA-861 Format
VD_STD[5:0]
720(1440) x 480i @ 59.94/60Hz
6 & 7
16h, 17h, 19h, 1Bh
720(1440) x 576i @ 50Hz
21 & 22
18h, 1Ah
1280 x 720p @ 59.94/60Hz
4
20h, 00h
1280 x 720p @ 50Hz
19
24h, 04h
1920 x 1080i @ 59.94/60Hz
5
2Ah, 0Ah
1920 x 1080i @ 50Hz
20
2Ch, 0Ch
1920 x 1080p @ 29.97/30Hz
341
2Bh, 0Bh
1920 x 1080p @ 25Hz
332
2Dh, 0Dh
1920 x 1080p @ 23.98/24Hz
32
30h, 10h
1920 x 1080p @ 59.94/60Hz
161
2Bh
1920 x 1080p @ 50Hz
312
2Dh
NOTES:
1,2: Timing is identical for the corresponding formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com