Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 9Page - Semtech Corporation GS2961 Datasheet HTML 10Page - Semtech Corporation GS2961 Datasheet HTML 11Page - Semtech Corporation GS2961 Datasheet HTML 12Page - Semtech Corporation GS2961 Datasheet HTML 13Page - Semtech Corporation GS2961 Datasheet HTML 14Page - Semtech Corporation GS2961 Datasheet HTML 15Page - Semtech Corporation GS2961 Datasheet HTML 16Page - Semtech Corporation GS2961 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
13 of 104
G7
SMPTE_BYPASS
Input/Output
CONTROL SIGNAL INPUT/OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Indicates the presence of valid SMPTE data.
When the AUTO/MAN bit in the host interface register is HIGH
(Default), this pin is an OUTPUT. SMPTE_BYPASS is HIGH when the
device locks to a SMPTE compliant input. SMPTE_BYPASS is LOW
under all other conditions.
When the AUTO/MAN bit in the host interface register is LOW, this
pin is an INPUT:
No SMPTE scrambling takes place, and none of the I/O processing
features of the device are available when SMPTE_BYPASS is set
LOW.
When SMPTE_BYPASS is set HIGH, the device carries out SMPTE
scrambling and I/O processing.
When SMPTE_BYPASS and DVB_ASI are both set LOW, the device
operates in Data-Through mode.
G8DVB_ASI
Input/Output
CONTROL SIGNAL INPUT
Signal Levels are LVCMOS/LVTTL compatible.
Used to enable/disable DVB-ASI data extraction in manual mode.
When the AUTO/MAN bit in the host interface is LOW, this pin is an
input and when the DVB_ASI pin is set HIGH the device will carry out
DVB_ASI data extraction and processing. The SMPTE_BYPASS pin
must be set LOW. When SMPTE_BYPASS and DVB_ASI are both set
LOW, the device operates in Data-Through mode.
When the AUTO/MAN bit in the host interface is HIGH (default),
DVB-ASI is configured as a status output (set LOW), and DVB-ASI
input streams are not supported or recognized.
H1
BUFF_VDD
Input Power
POWER pin for the serial digital output 50Ω buffer. Connect to 3.3V
DC analog.
H2
BUFF_GND
Input Power
GND pin for the cable driver buffer. Connect to analog GND.
H5
TIM_861
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select CEA-861 timing mode.
When TIM_861 is HIGH, the device outputs CEA 861 timing signals
(HSYNC/VSYNC/DE) instead of H:V:F digital timing signals.
H6
XTAL_OUT
Digital
Output
Buffered 27MHz crystal output. Can be used to cascade the crystal
signal.
H7
20bit/10bit
Input
CONTROL SIGNAL INPUT
Levels are LVCMOS/LVTTL compatible.
Used to select the output bus width.
HIGH = 20-bit, LOW = 10-bit.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com