Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 69Page - Semtech Corporation GS2961 Datasheet HTML 70Page - Semtech Corporation GS2961 Datasheet HTML 71Page - Semtech Corporation GS2961 Datasheet HTML 72Page - Semtech Corporation GS2961 Datasheet HTML 73Page - Semtech Corporation GS2961 Datasheet HTML 74Page - Semtech Corporation GS2961 Datasheet HTML 75Page - Semtech Corporation GS2961 Datasheet HTML 76Page - Semtech Corporation GS2961 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
73 of 104
To start Ancillary Data Extraction, the ANC_DATA_EXT_MASK bit of the host interface
must be set LOW. Ancillary data packet extraction begins in the following frame (see
Figure 4-30: Ancillary Data Extraction - Step A).
Figure 4-30: Ancillary Data Extraction - Step A
Ancillary data is written into Bank A until full. The Y/1ANC and C/2ANC output flags
can be used to determine the length of the ancillary data extracted and when to begin
reading the extracted data from memory.
While the ANC_DATA_EXT_MASK bit is set LOW, the ANC_DATA_SWITCH bit can be
set HIGH during or after reading the extracted data. New data is then written into Bank
B (up to 1024 x 16-bit words), at the corresponding host interface addresses (see Figure
4-31: Ancillary Data Extraction - Step B).
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
0
1023
Application Layer
Read Pointer
Internal Write
Pointer
Bank A
ANC_DATA_SWITCH=LOW
0
1023
Bank B
800h
800h
BFFh
BFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com