Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2961 Datasheet HTML 1Page - Semtech Corporation GS2961 Datasheet HTML 2Page - Semtech Corporation GS2961 Datasheet HTML 3Page - Semtech Corporation GS2961 Datasheet HTML 4Page - Semtech Corporation GS2961 Datasheet HTML 5Page - Semtech Corporation GS2961 Datasheet HTML 6Page - Semtech Corporation GS2961 Datasheet HTML 7Page - Semtech Corporation GS2961 Datasheet HTML 8Page - Semtech Corporation GS2961 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
2 of 104
A serial digital loop-through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The serial digital output can be connected
to an external cable driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode (the default operating mode), the GS2961
performs full SMPTE processing, and features a number of
data integrity checks and measurement capabilities.
The device also supports ancillary data extraction, and can
provide entire ancillary data packets through
host-accessible registers. It also provides a variety of other
packet detection and error handling features. All of these
processing features are optional, and may be individually
enabled or disabled through register programming.
Both SMPTE 425M Level A and Level B inputs are supported
with optional conversion from Level B to Level A for 1080p
50/59.94/60 4:2:2 10-bit inputs.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit format
for 3Gb/s, HD and SD video rates, with a variety of mapping
options. As such, this parallel bus can interface directly with
video processor ICs, and output data can be multiplexed
onto 10 bits for a low pin count interface.
Functional Block Diagram
GS2961 Functional Block Diagram
Buffer
Mux
Reclocker
with
Integrated
VCO
SDI
SDO
SDO
Serial
to
Parallel
Converter
Descramble,
Word Align,
Rate Detect
Flywheel
Video
Standard
Detect
TRS
Detect
Timing
Extraction
Mux
DVB-ASI
Decoder
Illegal code
remap,
TRS/
Line Number/
CRS
Insertion,
EDH Packet
Insertion
ANC/
Checksum
/352M
Extraction
GSPI and
JTAG Controller
Host
Interface
Output Mux/
Demux
Crystal
Buffer/
Oscillator
LF
LB_CONT
VBG
I/O Control
Buffer
SDI
SMPTE 425M
1080p 50/60
4:2:2 10-bit
Level B
Level A
EQ
AGC+
AGC-
DOUT[19:0]
PCLK
LOCKED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com