Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 24Page - Semtech Corporation GS2961 Datasheet HTML 25Page - Semtech Corporation GS2961 Datasheet HTML 26Page - Semtech Corporation GS2961 Datasheet HTML 27Page - Semtech Corporation GS2961 Datasheet HTML 28Page - Semtech Corporation GS2961 Datasheet HTML 29Page - Semtech Corporation GS2961 Datasheet HTML 30Page - Semtech Corporation GS2961 Datasheet HTML 31Page - Semtech Corporation GS2961 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
28 of 104
the video data is mapped to a 20-bit virtual interface as described in SMPTE 425M. In all
cases this 20-bit parallel bus can be multiplexed onto 10 bits for a low pin count interface
with downstream devices. The associated Parallel Clock input signal operates at 148.5
or 148.5/1.001MHz (for all 3Gb/s HD 10-bit multiplexed modes), 74.25 or
74.25/1.001MHz (for HD 20-bit mode), 27MHz (for SD 10-bit mode) and 13.5MHz (for SD
20-bit mode).
Note: for 3Gb/s 10-bit mode the device operates in Dual Data Rate (DDR) mode, where
the data is sampled at both the rising and falling edges of the clock. This reduces the I/O
speed requirements of the downstream devices.
4.2 SMPTE 425M Mapping - 3G Level A and Level B Formats
4.2.1 Level A Mapping
Direct image format mapping - the mapping structure used to define 1080p/50/59.94/60
4:2:2 YCbCr 10 bit data, as supported by the GS2961. See Figure 4-1:
Figure 4-1: Level A Mapping
4.2.2 Level B Mapping
The 2 x 292 HD SDI interface - this can be two distinct links running at 1.5Gb/s or one
3Gb/s link formatted according to SMPTE 292 on two 10-bit links (Y/C interleaved). For
1080p/50/59.94/60 4:2:2 video formats, each link should be line-interleaved as per
SMPTE 372M. See Figure 4-2:
Figure 4-2: Level B Mapping
Data Stream 1
Data Stream 2
EAV
HANC
SAV
Active Video
Data Stream 1
(”Link A”)
Data Stream 2
(”Link 2”)
EAV
HANC
SAV
Active Video
“double” TRS headers from
interleaved HD-SDI;
multiplexed Y/C data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com