Electronic Components Datasheet Search
  English  ▼

X  

GS2961 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 17Page - Semtech Corporation GS2961 Datasheet HTML 18Page - Semtech Corporation GS2961 Datasheet HTML 19Page - Semtech Corporation GS2961 Datasheet HTML 20Page - Semtech Corporation GS2961 Datasheet HTML 21Page - Semtech Corporation GS2961 Datasheet HTML 22Page - Semtech Corporation GS2961 Datasheet HTML 23Page - Semtech Corporation GS2961 Datasheet HTML 24Page - Semtech Corporation GS2961 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
21 of 104
Serial Digital Input
Serial Input Data Rate
DRSDI
–
0.27
–
2.97
Gb/s
–
Serial Input Voltage Swing
ΔV
SDI
TA =25°C, differential,
270Mb/s & 1.485Gb/s
720
800
950
mVp-p
6
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
6
Achievable Cable Length
–Belden 1694A cable, 3G
–
150
–
m
–
Belden 1694A cable, HD
–
230
–
m
–
Belden 1694A cable, SD
–
440
–
m
–
Input Return Loss
–
single ended
15
21
–
dB7
Input Resistance–
single ended
–1.52
–
kΩ
–
Input Capacitance–
single ended
–1
–
pF
–
Serial Digital Output
Serial Output Data Rate
DRSDO
–
0.27
–
2.97
Gb/s
–
Serial Output Swing
ΔV
SDO
Differential with 100Ω
load
320
–
600
mVp-p
–
Serial Output Rise Time
20% ~ 80%
trSDO
–
–
–
180
ps
–
Serial Output Fall Time
20% ~ 80%
tfSDO
––
–
180
ps
–
Serial Output Jitter with
loop-through mode
tOJ
SMPTE colour bar 3G,
150m
–
–
100
ps
–
SMPTE colour bar HD,
250m
–
–
100
ps
–
SMPTE colour bar SD,
480m
–
–
470
ps
–
Serial Output Duty Cycle
Distortion
DCDSDD
3G
–10
–
ps
–
HD
–
10
–
ps
–
SD–
20
–
ps
–
Synchronous lock time
–
–
–
–
25
μs–
Asynchronous lock time
–
–
0.1
–
20
ms
–
Lock time from power-up
–
After 20 minutes at
-20°C
––
5
s
–
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com