Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 50 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 50 Page - Micronas

Back Button MSP4458 Datasheet HTML 46Page - Micronas MSP4458 Datasheet HTML 47Page - Micronas MSP4458 Datasheet HTML 48Page - Micronas MSP4458 Datasheet HTML 49Page - Micronas MSP4458 Datasheet HTML 50Page - Micronas MSP4458 Datasheet HTML 51Page - Micronas MSP4458 Datasheet HTML 52Page - Micronas MSP4458 Datasheet HTML 53Page - Micronas MSP4458 Datasheet HTML 54Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
50
Micronas
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient Operating Temperature
−
0701)
°C
TS
Storage Temperature
−−40
125
°C
VSUP1
First Supply Voltage
AHVSUP
−0.3
9.0
V
VSUP2
Second Supply Voltage
DVSUP
−0.3
6.0
V
VSUP3
Third Supply Voltage
AVSUP
−0.3
6.0
V
dVSUP23
Voltage between AVSUP
and DVSUP
AVSUP,
DVSUP
−0.5
0.5
V
PTOT
Package Power Dissipation
PSDIP64
PLQFP64
PQFP80
AHVSUP,
DVSUP,
AVSUP
1300
960
1000
mW
mW
mW
VIdig
Input Voltage, all Digital Inputs
−0.3
VSUP2+0.3
V
IIdig
Input Current, all Digital Pins
−20
+20
mA2)
VIana
Input Voltage, all Analog Inputs
SCn_IN_s,3)
MONO_IN
−0.3
VSUP1+0.3
V
IIana
Input Current, all Analog Inputs
SCn_IN_s,3)
MONO_IN
−5
+5mA2)
IOana
Output Current, all SCART Outputs
SCn_OUT_s3)
4), 5)
4), 5)
IOana
Output Current, all Analog Outputs
except SCART Outputs
DACp_s3)
4)
4)
ICana
Output Current, other pins
connected to capacitors
CAPL_p,3)
AGNDC
4)
4)
1) PLQFP64: 65
°C
2) positive value means current flowing into the circuit
3) “n” means “1”, “2”, “3”, or “4”,
“s” means “L” or “R”,
“p” means “M” or “A”
4) The Analog Outputs are short-circuit proof with respect to First Supply Voltage and Ground.
5) Total chip power dissipation must not exceed absolute maximum rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com