Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 55 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 55 Page - Micronas

Back Button MSP4458 Datasheet HTML 51Page - Micronas MSP4458 Datasheet HTML 52Page - Micronas MSP4458 Datasheet HTML 53Page - Micronas MSP4458 Datasheet HTML 54Page - Micronas MSP4458 Datasheet HTML 55Page - Micronas MSP4458 Datasheet HTML 56Page - Micronas MSP4458 Datasheet HTML 57Page - Micronas MSP4458 Datasheet HTML 58Page - Micronas MSP4458 Datasheet HTML 59Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
55
4.6.3.2. Digital Inputs, Digital Outputs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Digital Inputs Levels
VDIGIL
Digital Input Low Voltage
STANDBYQ
D_CTR_I/O_0/1
0.2
VSUP2
VDIGIH
Digital Input High Voltage
0.5
VSUP2
ZDIGI
Input Impedance
5
pF
IDLEAK
Digital Input Leakage Current
−11
µA0 V < U
INPUT< DVSUP
D_CTR_I/O_0/1: tri-state
VDIGIL
ADR_SEL Input Low Voltage
ADR_SEL
0.2
VSUP2
VDIGIH
ADR_SEL Input High Voltage
0.8
VSUP2
IADRSEL
Input Current
−500
−220
µAU
ADR_SEL= DVSS
220
500
µAU
ADR_SEL= DVSUP
Digital Output Levels
VDCTROL
Digital Output Low Voltage
D_CTR_I/O_0
D_CTR_I/O_1
0.4
V
IDDCTR = 1 mA
VDCTROH
Digital Output High Voltage
VSUP2
− 0.3
V
IDDCTR =
−1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com