Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 66 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 66 Page - Micronas

Back Button MSP4458 Datasheet HTML 62Page - Micronas MSP4458 Datasheet HTML 63Page - Micronas MSP4458 Datasheet HTML 64Page - Micronas MSP4458 Datasheet HTML 65Page - Micronas MSP4458 Datasheet HTML 66Page - Micronas MSP4458 Datasheet HTML 67Page - Micronas MSP4458 Datasheet HTML 68Page - Micronas MSP4458 Datasheet HTML 69Page - Micronas MSP4458 Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
66
Micronas
4.6.3.10. Sound Standard Dependent Characteristics
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
NICAM Characteristics (MSP Standard Code = 8)
dVNICAMOUT
Tolerance of Output Voltage
of NICAM Baseband Signal
DACp_s
SCn_OUT_s1)
−1.5
+1.5
dB
2.12 kHz, Modulator input
level = 0 dBref
S/NNICAM
S/N of NICAM Baseband Signal
72
dB
NICAM:
−6 dB, 1 kHz,
RMS unweighted
0 to 15 kHz, Vol = 9 dB
NIC_Presc = 7Fh
Output level 1 VRMS at
DACp_s
THDNICAM
Total Harmonic Distortion
+ Noise
of NICAM Baseband Signal
0.1
%
2.12 kHz, Modulator input
level = 0 dBref
BERNICAM
NICAM: Bit Error Rate
1
10−7
FM
+NICAM,
norm conditions
fRNICAM
NICAM Frequency Response,
20...15000 Hz
−1.0
+1.0
dB
Modulator input
level =
−12 dB dBref; RMS
XTALKNICAM
NICAM Crosstalk Attenuation
(Dual)
80
dB
SEPNICAM
NICAM Channel Separation
(Stereo)
80
dB
FM Characteristics (MSP Standard Code = 3)
dVFMOUT
Tolerance of Output Voltage
of FM Demodulated Signal
DACp_s,
SCn_OUT_s1)
−1.5
+1.5
dB
1 FM-carrier, 50
µs, 1 kHz,
40 kHz deviation; RMS
S/NFM
S/N of FM Demodulated Signal
73
dB
1 FM-carrier 5.5 MHz,
50
µs, 1 kHz, 40 kHz devi-
ation; RMS, unweighted
0 to 15 kHz (for S/N);
full input range, FM-Pres-
cale = 46 h, Vol = 0 dB
→ Output Level 1 V
RMS at
DACp_s
THDFM
Total Harmonic Distortion
+ Noise
of FM Demodulated Signal
0.1
%
fRFM
FM Frequency Responses,
20...15000 Hz
−1.0
+1.0
dB
1 FM-carrier 5.5 MHz,
50
µs, Modulator input
level =
−14.6 dBref; RMS
XTALKFM
FM Crosstalk Attenuation (Dual)
80
dB
2 FM-carriers
5.5/5.74 MHz, 50
µs,
1 kHz, 40 kHz deviation;
Bandpass 1 kHz
SEPFM
FM Channel Separation (Stereo)
50
dB
2 FM-carriers
5.5/5.74 MHz, 50
µs,
1 kHz, 40 kHz deviation;
RMS
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
2) EIM refers to 75-
µs Equivalent Input Modulation. It is defined as the audio-signal level which results in a stated percentage modulation,
when the DBX encoding process is replaced by a 75-
µs preemphasis network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com