Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 26 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 26 Page - Micronas

Back Button MSP4458 Datasheet HTML 22Page - Micronas MSP4458 Datasheet HTML 23Page - Micronas MSP4458 Datasheet HTML 24Page - Micronas MSP4458 Datasheet HTML 25Page - Micronas MSP4458 Datasheet HTML 26Page - Micronas MSP4458 Datasheet HTML 27Page - Micronas MSP4458 Datasheet HTML 28Page - Micronas MSP4458 Datasheet HTML 29Page - Micronas MSP4458 Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
26
Micronas
3.3.2.5. Write Registers on I2C Subaddress 12hex
Table 3–11: Write Registers on I2C Subaddress 12hex
Register
Address
Function
Name
PREPROCESSING
00 0Ehex
FM/AM Prescale
bit[15:8]
00hex...
Defines the input prescale gain for the demodulated FM or
7Fhex
AM signal
00hex
off (RESET condition)
For all FM modes except satellite FM, the combinations of prescale value and
FM deviation listed below lead to internal full scale.
FM mode
bit[15:8]
7Fhex
28 kHz FM deviation
48hex
50 kHz FM deviation
30hex
75 kHz FM deviation
24hex
100 kHz FM deviation
18hex
150 kHz FM deviation
13hex
180 kHz FM deviation (limit)
FM high deviation mode (HDEV2, MSP Standard Code = Chex)
bit[15:8]
30hex
150 kHz FM deviation
14hex
360 kHz FM deviation (limit)
FM very high deviation mode (HDEV3, MSP Standard Code = 6)
bit[15:8]
20hex
450 kHz FM deviation
1Ahex
540 kHz FM deviation (limit)
Satellite FM with adaptive deemphasis
bit[15:8]
10hex
recommendation
AM mode (MSP Standard Code = 9)
bit[15:8]
7Chex
recommendation for SIF input levels from
0.1 Vpp to 0.8 Vpp
(Due to the AGC switched on, the AM-output level remains
stable and independent of the actual SIF-level in the men-
tioned input range)
PRE_FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com