Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 68 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 68 Page - Micronas

Back Button MSP4458 Datasheet HTML 64Page - Micronas MSP4458 Datasheet HTML 65Page - Micronas MSP4458 Datasheet HTML 66Page - Micronas MSP4458 Datasheet HTML 67Page - Micronas MSP4458 Datasheet HTML 68Page - Micronas MSP4458 Datasheet HTML 69Page - Micronas MSP4458 Datasheet HTML 70Page - Micronas MSP4458 Datasheet HTML 71Page - Micronas MSP4458 Datasheet HTML 72Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
68
Micronas
BTSC Characteristics (MSP Standard Code = 20hex, 21hex)
with a minimum IF input signal level of 70 mVpp (measured without any video/chroma signal components)
S/NBTSC
S/N of BTSC Stereo Signal
S/N of BTSC-SAP Signal
DACp_s,
SCn_OUT_s1)
64
55
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deem-
phasis, RMS unweighted 0
to 15 kHz
THDBTSC
THD
+N of BTSC Stereo Signal
THD
+N of BTSC SAP Signal
0.15
0.8
%
%
1 kHz L or R or SAP, 100%
75
µs EIM2), DBX NR,
RMS unweighted
0 to 15 kHz
fRBTSC
Frequency Response of BTSC Ste-
reo, 50 Hz...12 kHz
Frequency Response of BTSC-
SAP, 50 Hz...9 kHz
−0.5
−1.0
0.5
0.6
dB
dB
L or R or SAP,
1%...66% EIM2), DBX NR
XTALKBTSC
Stereo
→ SAP
SAP
→ Stereo
75
75
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deem-
phasis, Bandpass 1 kHz
SepBTSC
Stereo Separation
50 Hz...10 kHz
50 Hz...12 kHz
35
30
dB
dB
L or R 1%...66% EIM2),
DBX NR
EIA-J Characteristics (MSP Standard Code = 30hex)
S/NEIAJ
S/N of EIA-J Stereo Signal
S/N of EIAJ Sub-Channel
DACp_s,
SCn_OUT_s1)
60
60
dB
dB
1 kHz L or R,
100% modulation,
75
µs deemphasis,
RMS unweighted
0 to 15 kHz
THDEIAJ
THD
+N of EIA-J Stereo Signal
THD
+N of EIA-J Sub-Channel
0.2
0.3
%
%
fREIAJ
Frequency Response of EIA-J
Stereo, 50 Hz...12 kHz
Frequency Response of EIA-J Sub-
Channel, 50 Hz...12 kHz
−0.5
−1.0
0.5
0.5
dB
dB
100% modulation,
75
µs deemphasis
XTALKEIAJ
Main
→ SUB
Sub
→ Main
66
80
dB
dB
1 kHz L or R, 100% modu-
lation, 75
µs deemphasis,
Bandpass 1 kHz
SEPEIAJ
Stereo Separation
50 Hz...5 kHz
50 Hz...10 kHz
35
28
dB
dB
EIA-J Stereo Signal, L or R
100% modulation
FM-Radio Characteristics (MSP Standard Code = 40hex)
S/NUKW
S/N of FM-Radio Stereo Signal
DACp_s,
SCn_OUT_s1)
70
dB
1 kHz L or R, 100% modu-
lation, 75
µs deemphasis,
RMS unweighted
0 to 15 kHz
THDUKW
THD
+N of FM-Radio Stereo Signal
0.1
%
fRUKW
Frequency Response of
FM-Radio Stereo
50 Hz...15 kHz
−1.0
0.5
dB
L or R, 1%...100% modula-
tion, 75
µs deemphasis
SepUKW
Stereo Separation 50 Hz...15 kHz
45
dB
fPilot
Pilot Frequency Range
ANA_IN1+
ANA_IN2+
18.844
19.125
kHz
standard FM radio
stereo signal
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
2) EIM refers to 75-
µs Equivalent Input Modulation. It is defined as the audio-signal level which results in a stated percentage modulation,
when the DBX encoding process is replaced by a 75-
µs preemphasis network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com