Electronic Components Datasheet Search
  English  ▼

X  

MSP4458 Datasheet(PDF) 58 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 58 Page - Micronas

Back Button MSP4458 Datasheet HTML 54Page - Micronas MSP4458 Datasheet HTML 55Page - Micronas MSP4458 Datasheet HTML 56Page - Micronas MSP4458 Datasheet HTML 57Page - Micronas MSP4458 Datasheet HTML 58Page - Micronas MSP4458 Datasheet HTML 59Page - Micronas MSP4458 Datasheet HTML 60Page - Micronas MSP4458 Datasheet HTML 61Page - Micronas MSP4458 Datasheet HTML 62Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
58
Micronas
4.6.3.5. I2S-Bus Characteristics
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VI2SIL
Input Low Voltage
I2S_CL
I2S_WS
I2S_CL3
I2S_WS3
I2S_DA_IN1..3
0.2
VSUP2
VI2SIH
Input High Voltage
0.5
VSUP2
ZI2SI
Input Impedance
5
pF
ILEAKI2S
Input Leakage Current
−11
µA0 V < U
INPUT< DVSUP
VI2SOL
I2S Output Low Voltage
I2S_CL
I2S_WS
I2S_DA_OUT
0.4
V
II2SOL = 1 mA
VI2SOH
I2S Output High Voltage
VSUP2
− 0.3
VII2SOH = −1 mA
fI2SOWS
I2S-Word Strobe Output Frequency
I2S_WS
48.0
kHz
fI2SOCL
I2S-Clock Output Frequency
I2S_CL
1.536
MHz
RI2S10/I2S20
I2S-Clock Output High/Low-Ratio
0.9
1.0
1.1
Synchronous I2S Interface
ts_I2S
I2S Input Setup Time
before Rising Edge of Clock
I2S_DA_IN1/2
I2S_CL
12
ns
for details see Fig. 4–22
“I2S timing diagram (syn-
chronous interface)”
th_I2S
I2S Input Hold Time
after Rising Edge of Clock
40
ns
td_I2S
I2S Output Delay Time
after Falling Edge of Clock
I2S_CL
I2S_WS
I2S_DA_OUT
28
ns
CL=30 pF
fI2SWS
I2S-Word Strobe Input Frequency
I2S_WS
48.0
kHz
fI2SCL
I2S-Clock Input Frequency
I2S_CL
1.536
MHz
RI2SCL
I2S-Clock Input Ratio
0.9
1.1
Asynchronous I2S Interface
ts_I2S3
I2S3 Input Setup Time
before Rising Edge of Clock
I2S_CL3
I2S_WS3
I2S_DA_IN3
4
ns
for details see Fig. 4–23
“I2S timing diagram (asyn-
chronous interface)”
th_I2S3
I2S3 Input Hold Time
after Rising Edge of Clock
40
ns
fI2S3WS
I2S3-Word Strobe Input Frequency
I2S_WS3
5
50
kHz
fI2S3CL
I2S3-Clock Input Frequency
I2S_CL3
3.2
MHz
RI2S3CL
I2S3-Clock Input Ratio
0.9
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com