Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F57 Datasheet HTML 1Page - Microchip Technology PIC16F57 Datasheet HTML 2Page - Microchip Technology PIC16F57 Datasheet HTML 3Page - Microchip Technology PIC16F57 Datasheet HTML 4Page - Microchip Technology PIC16F57 Datasheet HTML 5Page - Microchip Technology PIC16F57 Datasheet HTML 6Page - Microchip Technology PIC16F57 Datasheet HTML 7Page - Microchip Technology PIC16F57 Datasheet HTML 8Page - Microchip Technology PIC16F57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 1
PIC16F5X
High-Performance RISC CPU
• Only 33 single-word instructions to learn
• All instructions are single cycle except for
program branches which are two-cycle
• Two-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
for data and instructions
• Operating speed:
- DC – 20 MHz clock speed
- DC – 200 ns instruction cycle time
• On-chip Flash program memory:
- 512 x 12 on PIC16F54
- 2048 x 12 on PIC16F57
- 2048 x 12 on PIC16F59
• General Purpose Registers (SRAM):
- 25 x 8 on PIC16F54
- 72 x 8 on PIC16F57
- 134 x 8 on PIC16F59
Special Microcontroller Features
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip
RC oscillator for reliable operation
• Programmable Code Protection
• Power-saving Sleep mode
• In-Circuit Serial Programming™ (ICSP™)
• Selectable oscillator options:
- RC: Low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS: High-speed crystal/resonator
- LP:
Power-saving, low-frequency crystal
• Packages:
- 18-pin PDIP and SOIC for PIC16F54
- 20-pin SSOP for PIC16F54
- 28-pin PDIP, SOIC and SSOP for PIC16F57
- 40-pin PDIP for PIC16F59
- 44-pin TQFP for PIC16F59
Low-Power Features
• Operating Current:
-170
µA @ 2V, 4 MHz, typical
-15
µA @ 2V, 32 kHz, typical
• Standby Current:
- 500 nA @ 2V, typical
Peripheral Features
• 12/20/32 I/O pins:
- Individual direction control
- High current source/sink
• 8-bit real-time clock/counter (TMR0) with 8-bit
programmable prescaler
CMOS Technology
• Wide operating voltage range:
- Industrial: 2.0V to 5.5V
- Extended: 2.0V to 5.5V
• Wide temperature range:
- Industrial: -40
°C to 85°C
- Extended: -40
°C to 125°C
• High-endurance Flash:
- 100K write/erase cycles
- > 40-year retention
Device
Program Memory
Data Memory
I/O
Timers
8-bit
Flash (words)
SRAM (bytes)
PIC16F54
512
25
12
1
PIC16F57
2048
72
20
1
PIC16F59
2048
134
32
1
Flash-Based, 8-Bit CMOS Microcontroller Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com