Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 60Page - Microchip Technology PIC16F57 Datasheet HTML 61Page - Microchip Technology PIC16F57 Datasheet HTML 62Page - Microchip Technology PIC16F57 Datasheet HTML 63Page - Microchip Technology PIC16F57 Datasheet HTML 64Page - Microchip Technology PIC16F57 Datasheet HTML 65Page - Microchip Technology PIC16F57 Datasheet HTML 66Page - Microchip Technology PIC16F57 Datasheet HTML 67Page - Microchip Technology PIC16F57 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
PIC16F5X
DS41213C-page 62
 2004 Microchip Technology Inc.
11.1
DC Characteristics: PIC16F5X (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic/Device
Min Typ† Max Units
Conditions
D001
VDD
Supply Voltage
2.0
—
5.5
V
D002
VDR
RAM Data Retention Voltage(1)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR VDD Start Voltage to ensure
Power-on Reset
—
Vss
—
V
See Section 5.1 “Power-on Reset
(POR)” for details on Power-on Reset
D004
SVDD VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms See Section 5.1 “Power-on Reset
(POR)” for details on Power-on Reset
D010
IDD
Supply Current(2)
—
—
—
—
170
0.4
1.7
15
350
1.0
5.0
22.5
µA
mA
mA
µA
FOSC = 4 MHz, VDD = 2.0V, XT or RC
mode(3)
FOSC = 10 MHz, VDD = 3.0V, HS mode
FOSC = 20 MHz, VDD = 5.0V, HS mode
FOSC = 32 kHz, VDD = 2.0V, LP mode,
WDT disabled
D020
IPD
Power-down Current(2)
—
—
1.0
0.5
6.0
2.5
µA
µA
VDD = 2.0V, WDT enabled
VDD = 2.0V, WDT disabled
*
These parameters are characterized but not tested.
† Data in “Typ” column is based on characterization results at 25
°C. This data is for design guidance only and
is not tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern and temperature, also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in Active Operation mode are: OSC1 = external square
wave, from rail-to-rail; all I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT enabled/
disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in Sleep
mode. The Power-down Current in Sleep mode does not depend on the oscillator type.
3:
Does not include current through REXT. The current through the resistor can be estimated by the formula:
IR =VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com