Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 47Page - Microchip Technology PIC16F57 Datasheet HTML 48Page - Microchip Technology PIC16F57 Datasheet HTML 49Page - Microchip Technology PIC16F57 Datasheet HTML 50Page - Microchip Technology PIC16F57 Datasheet HTML 51Page - Microchip Technology PIC16F57 Datasheet HTML 52Page - Microchip Technology PIC16F57 Datasheet HTML 53Page - Microchip Technology PIC16F57 Datasheet HTML 54Page - Microchip Technology PIC16F57 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 49
PIC16F5X
MOVWF
Move W to f
Syntax:
[ label ]
MOVWF
f
Operands:
0
≤ f ≤ 31
Operation:
(W)
→ (f)
Status Affected:
None
Encoding:
0000
001f
ffff
Description:
Move data from the W register to
register ‘f’.
Words:
1
Cycles:
1
Example:
MOVWF
TEMP_REG
Before Instruction
TEMP_REG =
0xFF
W
=
0x4F
After Instruction
TEMP_REG =
0x4F
W
=
0x4F
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Encoding:
0000
0000
0000
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP
OPTION
Load OPTION Register
Syntax:
[ label ]
OPTION
Operands:
None
Operation:
(W)
→ OPTION
Status Affected:
None
Encoding:
0000
0000
0010
Description:
The content of the W register is
loaded into the Option register.
Words:
1
Cycles:
1
Example:
OPTION
Before Instruction
W
=
0x07
After Instruction
OPTION
=
0x07
RETLW
Return with Literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Encoding:
1000
kkkk
kkkk
Description:
The W register is loaded with the
eight-bit literal ‘k’. The program
counter is loaded from the top of
the stack (the return address). This
is a two-cycle instruction.
Words:
1
Cycles:
2
Example:
TABLE
CALL TABLE;W contains
;table offset
;value.
•
;W now has table
•
;value.
•
ADDWF PC
;W = offset
RETLW k1
;Begin table
RETLW k2
;
•
•
•
RETLW kn
; End of table
Before Instruction
W=
0x07
After Instruction
W
=
value of k8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com