Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 49Page - Microchip Technology PIC16F57 Datasheet HTML 50Page - Microchip Technology PIC16F57 Datasheet HTML 51Page - Microchip Technology PIC16F57 Datasheet HTML 52Page - Microchip Technology PIC16F57 Datasheet HTML 53Page - Microchip Technology PIC16F57 Datasheet HTML 54Page - Microchip Technology PIC16F57 Datasheet HTML 55Page - Microchip Technology PIC16F57 Datasheet HTML 56Page - Microchip Technology PIC16F57 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 51
PIC16F5X
SUBWF
Subtract W from f
Syntax:
[ label ] SUBWF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – (W)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
0000
10df
ffff
Description:
Subtract (2’s complement method)
the W register from register ‘f’. If ‘d’
is ‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example 1:
SUBWF
REG1, 1
Before Instruction
REG1
=
3
W=
2
C=
?
After Instruction
REG1
=
1
W=
2
C
=
1
; result is positive
Example 2:
Before Instruction
REG1
=
2
W=
2
C=
?
After Instruction
REG1
=
0
W=
2
C
=
1
; result is zero
Example 3:
Before Instruction
REG1
=
1
W=
2
C=
?
After Instruction
REG1
=
0xFF
W=
2
C
=
0
; result is negative
SWAPF
Swap Nibbles in f
Syntax:
[ label ] SWAPF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f<3:0>)
→ (dest<7:4>);
(f<7:4>)
→ (dest<3:0>)
Status Affected:
None
Encoding:
0011
10df
ffff
Description:
The upper and lower nibbles of
register ‘f’ are exchanged. If ‘d’ is
‘0’, the result is placed in W
register. If ‘d’ is ‘1’, the result is
placed in register ‘f’.
Words:
1
Cycles:
1
Example:
SWAPF
REG1,
0
Before Instruction
REG1
=
0xA5
After Instruction
REG1
=
0xA5
W
=
0x5A
TRIS
Load TRIS Register
Syntax:
[ label ] TRIS
f
Operands:
f = 5, 6, 7, 8 or 9
Operation:
(W)
→ TRIS register f
Status Affected:
None
Encoding:
0000
0000
0fff
Description:
TRIS register ‘f’ (f = 5, 6 or 7) is
loaded with the contents of the W
register.
Words:
1
Cycles:
1
Example:
TRIS
PORTB
Before Instruction
W=
0xA5
After Instruction
TRISB
=
0xA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com