Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 67Page - Microchip Technology PIC16F57 Datasheet HTML 68Page - Microchip Technology PIC16F57 Datasheet HTML 69Page - Microchip Technology PIC16F57 Datasheet HTML 70Page - Microchip Technology PIC16F57 Datasheet HTML 71Page - Microchip Technology PIC16F57 Datasheet HTML 72Page - Microchip Technology PIC16F57 Datasheet HTML 73Page - Microchip Technology PIC16F57 Datasheet HTML 74Page - Microchip Technology PIC16F57 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 69
PIC16F5X
FIGURE 11-6:
TIMER0 CLOCK TIMINGS – PIC16F5X
TABLE 11-4:
TIMER0 CLOCK REQUIREMENTS – PIC16F5X
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
40
Tt0H T0CKI High Pulse Width:
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
41
Tt0L T0CKI Low Pulse Width:
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
42
Tt0P T0CKI Period
20 or TCY + 40*
N
—
—
ns
Whichever is greater.
N = Prescale Value
(1, 2, 4,..., 256)
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5.0V, 25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
T0CKI
40
41
42
Note:
Please refer to Figure 11-2 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com