Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 29Page - Microchip Technology PIC16F57 Datasheet HTML 30Page - Microchip Technology PIC16F57 Datasheet HTML 31Page - Microchip Technology PIC16F57 Datasheet HTML 32Page - Microchip Technology PIC16F57 Datasheet HTML 33Page - Microchip Technology PIC16F57 Datasheet HTML 34Page - Microchip Technology PIC16F57 Datasheet HTML 35Page - Microchip Technology PIC16F57 Datasheet HTML 36Page - Microchip Technology PIC16F57 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 31
PIC16F5X
6.8
I/O Programming Considerations
6.8.1
BIDIRECTIONAL I/O PORTS
Some instructions operate internally as read followed
by write operations. The BCF and BSF instructions, for
example, read the entire port into the CPU, execute the
bit operation and re-write the result. Caution must be
used when these instructions are applied to a port
where one or more pins are used as input/outputs. For
example, a BSF operation on bit 5 of PORTB will cause
all eight bits of PORTB to be read into the CPU, bit 5 to
be set and the PORTB value to be written to the output
latches. If another bit of PORTB is used as a
bidirectional I/O pin (say bit ‘0’), and it is defined as an
input at this time, the input signal present on the pin
itself would be read into the CPU and rewritten to the
data latch of this particular pin, overwriting the previous
content. As long as the pin stays in the Input mode, no
problem occurs. However, if bit ‘0’ is switched into
Output mode later on, the content of the data latch may
now be unknown.
Example 6-1 shows the effect of two sequential read-
modify-write instructions (e.g., BCF, BSF, etc.) on an
I/O port.
A pin actively outputting a high or a low should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-or”, “wired-and”).
The resulting high output currents may damage the
chip.
EXAMPLE 6-1:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN I/O
PORT
6.8.2
SUCCESSIVE OPERATIONS ON I/O
PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle (see
Figure 6-2). Therefore, care must be exercised if a write
followed by a read operation is carried out on the same
I/O port. The sequence of instructions should allow the pin
voltage to stabilize (load dependent) before the next
instruction, which causes that file to be read into the CPU,
is executed. Otherwise, the previous state of that pin may
be read into the CPU rather than the new state. When in
doubt, it is better to separate these instructions with a NOP
or another instruction not accessing this I/O port.
FIGURE 6-2:
SUCCESSIVE I/O OPERATION
;Initial PORT Settings
;PORTB<7:4> Inputs
;PORTB<3:0> Outputs
;PORTB<7:6> have external pull-ups and are
;not connected to other circuitry
;
;
PORT latch PORT pins
;
----------- ----------
BCF
PORTB, 7
;01pp pppp
11pp pppp
BCF
PORTB, 6
;10pp pppp
11pp pppp
MOVLW H'3F'
;
TRIS
PORTB
;10pp pppp
10pp pppp
;
;Note that the user may have expected the
pin
;values to be 00pp pppp. The 2nd BCF caused
;RB7 to be latched as the pin value (High).
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Instruction
fetched
RB<7:0>
MOVWF PORTB
NOP
Port pin
sampled here
NOP
MOVF PORTB,W
Instruction
executed
MOVWF PORTB
(Write to
PORTB)
NOP
MOVF PORTB,W
This example shows a write
to PORTB followed by a read
from PORTB.
(Read
PORTB)
Port pin
written here
Fetch INST (PC)
Execute INST (PC - 1) Fetch INST (PC + 1)
Execute INST (PC)
Fetch INST (PC + 2)
Execute INST (PC + 1) Fetch INST (PC + 3)
Execute INST (PC + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com