Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 39Page - Microchip Technology PIC16F57 Datasheet HTML 40Page - Microchip Technology PIC16F57 Datasheet HTML 41Page - Microchip Technology PIC16F57 Datasheet HTML 42Page - Microchip Technology PIC16F57 Datasheet HTML 43Page - Microchip Technology PIC16F57 Datasheet HTML 44Page - Microchip Technology PIC16F57 Datasheet HTML 45Page - Microchip Technology PIC16F57 Datasheet HTML 46Page - Microchip Technology PIC16F57 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 41
PIC16F5X
9.0
INSTRUCTION SET SUMMARY
Each PIC16F5X instruction is a 12-bit word divided into
an opcode, which specifies the instruction type, and
one or more operands which further specify the opera-
tion of the instruction. The PIC16F5X instruction set
summary in Table 9-2 groups the instructions into byte-
oriented, bit-oriented, and literal and control opera-
tions. Table 9-1 shows the opcode field descriptions.
For byte-oriented instructions, ‘f’ represents a file
register designator and ‘d’ represents a destination
designator. The file register designator is used to
specify which one of the 32 file registers in that bank is
to be used by the instruction.
The destination designator specifies where the result of
the operation is to be placed. If ‘d’ is ‘0’, the result is
placed in the W register. If ‘d’ is ‘1’, the result is placed
in the file register specified in the instruction.
For bit-oriented instructions, ‘b’ represents a bit field
designator which selects the number of the bit affected
by the operation, while ‘f’ represents the number of the
file in which the bit is located.
For literal and control operations, ‘k’ represents an
8- or 9-bit constant or literal value.
TABLE 9-1:
OPCODE FIELD
DESCRIPTIONS
All instructions are executed within one single instruc-
tion cycle, unless a conditional test is true or the
program counter is changed as a result of an instruc-
tion. In this case, the execution takes two instruction
cycles. One instruction cycle consists of four oscillator
periods. Thus, for an oscillator frequency of 4 MHz, the
normal instruction execution time would be 1
µs. If a
conditional test is true or the program counter is
changed as a result of an instruction, the instruction
execution time would be 2
µs.
Figure 9-1 shows the three general formats that the
instructions can have. All examples in the figure use
the following format to represent a hexadecimal
number:
0xhhh
where ‘h’ signifies a hexadecimal digit.
FIGURE 9-1:
GENERAL FORMAT FOR
INSTRUCTIONS
Field
Description
f
Register file address (0x00 to 0x1F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don't care location (= 0 or 1)
The assembler will generate code with
x = 0. It is the recommended form of use
for compatibility with all Microchip
software tools.
d
Destination select;
d = 0 (store result in W)
d = 1 (store result in file register ‘f’)
Default is d = 1
label
Label name
TOS
Top-of-Stack
PC
Program Counter
WDT
Watchdog Timer Counter
TO
Time-out bit
PD
Power-down bit
dest
Destination, either the W register or the
specified register file location
[
]
Options
(
)
Contents
→
Assigned to
< >
Register bit field
∈
In the set of
italics
User defined term
Byte-oriented file register operations
11
6
5
4
0
d = 0 for destination W
OPCODE
d
f (FILE #)
d = 1 for destination f
f = 5-bit file register address
Bit-oriented file register operations
11
8 7
5 4
0
OPCODE
b (BIT #)
f (FILE #)
b = 3-bit bit address
f = 5-bit file register address
Literal and control operations (except GOTO)
11
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
Literal and control operations - GOTO instruction
11
9
8
0
OPCODE
k (literal)
k = 9-bit immediate value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com