Electronic Components Datasheet Search
  English  ▼

X  

PIC16F57 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 44Page - Microchip Technology PIC16F57 Datasheet HTML 45Page - Microchip Technology PIC16F57 Datasheet HTML 46Page - Microchip Technology PIC16F57 Datasheet HTML 47Page - Microchip Technology PIC16F57 Datasheet HTML 48Page - Microchip Technology PIC16F57 Datasheet HTML 49Page - Microchip Technology PIC16F57 Datasheet HTML 50Page - Microchip Technology PIC16F57 Datasheet HTML 51Page - Microchip Technology PIC16F57 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
PIC16F5X
DS41213C-page 46
 2004 Microchip Technology Inc.
COMF
Complement f
Syntax:
[ label ] COMF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
0010
01df
ffff
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in the W register. If
‘d’ is ‘1’, the result is stored back in
register ‘f’.
Words:
1
Cycles:
1
Example:
COMF
REG1,0
Before Instruction
REG1
=
0x13
After Instruction
REG1
=
0x13
W=
0xEC
DECF
Decrement f
Syntax:
[ label ] DECF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – 1
→ (dest)
Status Affected:
Z
Encoding:
0000
11df
ffff
Description:
Decrement register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example:
DECF
CNT,
1
Before Instruction
CNT
=
0x01
Z=
0
After Instruction
CNT
=
0x00
Z=
1
DECFSZ
Decrement f, Skip if 0
Syntax:
[ label ] DECFSZ f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – 1
→ d; skip if result = 0
Status Affected:
None
Encoding:
0010
11df
ffff
Description:
The contents of register ‘f’ are
decremented. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’. the result is placed back in
register ‘f’. If the result is ‘0’, the
next instruction, which is already
fetched, is discarded and a NOP is
executed instead making it a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
DECFSZ
CNT, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address(HERE)
After Instruction
CNT
=
CNT - 1;
if CNT
=
0,
PC
=
address (CONTINUE);
if CNT
≠
0,
PC
=
address (HERE+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com