Electronic Components Datasheet Search
  English  ▼

X  

CS8952T Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 51Page - Cirrus Logic CS8952T Datasheet HTML 52Page - Cirrus Logic CS8952T Datasheet HTML 53Page - Cirrus Logic CS8952T Datasheet HTML 54Page - Cirrus Logic CS8952T Datasheet HTML 55Page - Cirrus Logic CS8952T Datasheet HTML 56Page - Cirrus Logic CS8952T Datasheet HTML 57Page - Cirrus Logic CS8952T Datasheet HTML 58Page - Cirrus Logic CS8952T Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
DS206TPP2
55
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Loopback, Bypass, and Receiver Error Mask Register - Address 18h
15
14
13
12
11
10
9
8
Bad SSD
Enable
Bypass 4B5B
Reserved
Bypass
Symbol
Alignment
ENDEC
Loopback
Reserved
Remote
Loopback
Reserved
7
6
5
4
3
2
1
0
Strip Preamble
Alternate FDX
CRS
Loopback
Transmit
Disable
Code Error
Report Select
Premature
End Error
Report Select
Link Error
Report Enable
Packet Error
Report Enable
Code Error
Report Enable
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Bad SSD Enable
Read/Write 1
When set, this bit enables the reporting of a bad SSD
(False-Carrier event) on the MII. These events will be
reported by setting RX_ER=1, RX_DV=0, and
RXD[3:0]=1110.
If the 4B5B encoders are being bypassed, this event
will be reported by setting RX_DV=0 and
RXD[4:0]=11110. If symbol alignment is bypassed,
the CS8952T does not detect carrier, and thus will not
report bad SSD events.
14
Bypass 4B5B
Read/Write Reset to the value
on the BP4B5B
pin.
When set, this bit causes the receive 5B4B decoder
and the transmit 4B5B encoder to be bypassed.
13
Reserved
Read/Write Reset to 0.
Reserved bit, should remain at zero.
12
Bypass Symbol
Alignment
Read/Write Reset to the value
on the BPALIGN
pin.
When set, this bit causes the following functions to be
bypassed: receiver descrambling, symbol alignment
and decoding, transmit symbol encoding, and trans-
mit scrambling.
11
ENDEC Loopback
Read/Write 0
When set, the 10BASE-T internal Manchester
encoder output is connected to the decoder input.
When clear, the CS8952T is configured for normal
operation.
10
Reserved
Read/Write 0
This bit is reserved.
9
Remote Loopback
Read/Write 0
When set, data received from the link is looped back
at the MII and sent back out to the link. Received data
will be presented on the MII pins. Transmit data at the
MII will be ignored.
Note: Setting Remote Loopback and PMD Loopback
simultaneously will cause neither loopback mode to
be entered, and should not be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com