Electronic Components Datasheet Search
  English  ▼

X  

CS8952T Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 55Page - Cirrus Logic CS8952T Datasheet HTML 56Page - Cirrus Logic CS8952T Datasheet HTML 57Page - Cirrus Logic CS8952T Datasheet HTML 58Page - Cirrus Logic CS8952T Datasheet HTML 59Page - Cirrus Logic CS8952T Datasheet HTML 60Page - Cirrus Logic CS8952T Datasheet HTML 61Page - Cirrus Logic CS8952T Datasheet HTML 62Page - Cirrus Logic CS8952T Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
DS206TPP2
59
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Self Status Register - Address 19h (Cont.)
BIT
NAME
TYPE
RESET
DESCRIPTION
5
CIM Status
Read Only
0
When clear, this bit indicates that a stable link con-
nection has been detected. When an unstable link is
detected and the Carrier Integrity Monitor Disable bit
in the PCS Sub-Layer Configuration Register
(address 17h) is clear, this bit is set and latched. It will
remain set until this register is read.
4:0
PHY Address Field Read/Write Reset to the val-
ues on the
PHYAD[4:0] pins.
The value on pins PHYAD[4:0] are latched into this
field at power-up or reset. These bits define the PHY
address used by the management layer to address
the PHY. The external logic must know this address
in order to select this particular CS8952T’s registers
individually via the MDIO and MDC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com