Electronic Components Datasheet Search
  English  ▼

X  

CS8952T Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 78Page - Cirrus Logic CS8952T Datasheet HTML 79Page - Cirrus Logic CS8952T Datasheet HTML 80Page - Cirrus Logic CS8952T Datasheet HTML 81Page - Cirrus Logic CS8952T Datasheet HTML 82Page - Cirrus Logic CS8952T Datasheet HTML 83Page - Cirrus Logic CS8952T Datasheet HTML 84Page - Cirrus Logic CS8952T Datasheet HTML 85Page - Cirrus Logic CS8952T Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
82
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
MECHANICAL SPECIFICATIONS
Package Dimensions
DIM
Min
Max
Unit
A-
1.60
mm
A1
0.05
0.15
mm
B
0.17
0.27
mm
D
15.70
16.30
mm
D1
13.90
14.10
mm
E
15.70
16.30
mm
E1
13.90
14.10
mm
e (Note 1)
0.40
0.60
mm
L
0.45
0.75
mm
µ
0.00
7.00
degrees
1.
Nominal pin pitch is 0.50 mm.
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com