Electronic Components Datasheet Search
  English  ▼

X  

CS8952T Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 62Page - Cirrus Logic CS8952T Datasheet HTML 63Page - Cirrus Logic CS8952T Datasheet HTML 64Page - Cirrus Logic CS8952T Datasheet HTML 65Page - Cirrus Logic CS8952T Datasheet HTML 66Page - Cirrus Logic CS8952T Datasheet HTML 67Page - Cirrus Logic CS8952T Datasheet HTML 68Page - Cirrus Logic CS8952T Datasheet HTML 69Page - Cirrus Logic CS8952T Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
66
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
ly) on both sides of the TX+/- traces.
Table 11. RJ-45 Wiring
•
No signal current carrying planes, i.e. no
ground or power plane, should be present un-
derneath the region between the transformer
secondary (network) side and the RJ-45. How-
ever,achassisplane maybeaddedinthisre-
gion to pick up the metal tabs of a shielded RJ-
45. This chassis plane should be separated from
the ground and power planes by at least
50 mils. That is, all other ground and power
planes should be “cookie cuttered” so they are
voided in the area of the chassis plane. Gener-
ally speaking, parts should not cross the moat
except for the transformer.
•
Proper termination practices must be used with
all transmission lines, especially if sending/re-
ceiving high speed signals. Series terminations
must be kept close to the source and load termi-
nations close to the load.
•
Locate the crystal as close to the CS8952T as
possible, running short traces on the compo-
nent side in order to reduce parasitic load ca-
pacitance.
•
Add bulk capacitance at each connector where
power may be supplied. For example, MII pow-
er may be provided at the MII connector and at
a separate connector for test purposes. If so,
and the two connectors are not adjacent, then
the bulk capacitors should be duplicated in each
locations.
•
Use wide traces to connect the unused pairs ter-
mination resistors at T1 and the RJ-45 to the
2 KV capacitor or capacitors in order to mini-
mize their lead inductance.
CS8952T Pin
Assignment
T1 Primary Pin
Assignment
T1 Secondary
Pin Assignment
RJ-45 Pin Assignment
Adapter/NIC
Configuration
Hub/Repeater
Configuration
91 (RX+)
1 (RX+)
7 (RX+)
3 (RD+)
1 (RD+)
92 (RX-)
2 (RX-)
6 (RX-)
6 (RD-)
2 (RD-)
81 (TX-)
16 (TX-)
10 (TX-)
2 (TD-)
6 (TD-)
80 (TX+)
15 (TX+)
11 (TX+)
1 (TD+)
3 (TD+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com