Electronic Components Datasheet Search
  English  ▼

X  

CS8952T Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 52Page - Cirrus Logic CS8952T Datasheet HTML 53Page - Cirrus Logic CS8952T Datasheet HTML 54Page - Cirrus Logic CS8952T Datasheet HTML 55Page - Cirrus Logic CS8952T Datasheet HTML 56Page - Cirrus Logic CS8952T Datasheet HTML 57Page - Cirrus Logic CS8952T Datasheet HTML 58Page - Cirrus Logic CS8952T Datasheet HTML 59Page - Cirrus Logic CS8952T Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
56
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Loopback, Bypass, and Receiver Error Mask Register - Address 18h (Cont.)
BIT
NAME
TYPE
RESET
DESCRIPTION
8
Reserved
Read/Write 0
This bit is reserved.
7
Strip Preamble
Read/Write 0
When set this bit causes the 7 bytes of MAC pream-
ble to be stripped off of incoming 100 Mb/s frames.
The data received across the MII will begin with the 1
byte Start of Frame Delimiter (SFD).
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
6
Alternate FDX CRS Read/Write 0
This bit changes the behavior of the CRS pin only in
the full-duplex (FDX) mode of operation. When set,
CRS will be asserted for transmit data only. When
clear, CRS will be asserted only for receive data.
5
Loopback Transmit
Disable
Read/Write 1
This bit controls whether loopback data is transmitted
onto the network. When set, any data transmitted
during PMD or ENDEC loopback mode will NOT be
transmitted onto the network. When clear, data will be
transmitted on the TX+/- pins as well as looped back
onto the MII pins.
4
Code Error Report
Select
Read/Write 0
When set, this bit causes code errors to be reported
by a value of 5h on RXD[3:0] and the assertion of
RX_ER.
When clear, this bit causes code errors to be reported
by a value of 6h on RXD[3:0] and the assertion of
RX_ER.
This bit is superseded by the Code Error Report
Enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com