Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 34 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 30Page - SMSC Corporation LAN83C185 Datasheet HTML 31Page - SMSC Corporation LAN83C185 Datasheet HTML 32Page - SMSC Corporation LAN83C185 Datasheet HTML 33Page - SMSC Corporation LAN83C185 Datasheet HTML 34Page - SMSC Corporation LAN83C185 Datasheet HTML 35Page - SMSC Corporation LAN83C185 Datasheet HTML 36Page - SMSC Corporation LAN83C185 Datasheet HTML 37Page - SMSC Corporation LAN83C185 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
Rev. 0.8 (11-16-04)
34
SMSC LAN83C185
DATASHEET
5.1
SMI Register Mapping
The following registers are supported (register numbers are in decimal):
5.2
SMI Register Format
The mode key is as follows:
■
RW = read/write,
■
SC = self clearing,
■
WO = write only,
■
RO = read only,
■
LH = latch high, clear on read of register,
■
LL = latch low, clear on read of register,
■
NASR = Not Affected by Software Reset
Table 5.33 SMI Register Mapping
REGISTER #
DESCRIPTION
GROUP
0
Basic Control Register
Basic
1
Basic Status Register
Basic
2
PHY Identifier 1
Extended
3
PHY Identifier 2
Extended
4
Auto-Negotiation Advertisement Register
Extended
5
Auto-Negotiation Link Partner Ability Register
Extended
6
Auto-Negotiation Expansion Register
Extended
16
Silicon Revision Register
Vendor-specific
17
Mode Control/Status Register
Vendor-specific
18
Special Modes
Vendor-specific
20
TSTCNTL – Testability/Configuration Control
Vendor-specific
21
TSTREAD1 – Testability data Read for LSB
Vendor-specific
22
TSTREAD2 – Testability data Read for MSB
Vendor-specific
23
TSTWRITE – Testability/Configuration data Write
Vendor-specific
27
Control / Status Indication Register
Vendor-specific
28
Special internal testability controls
Vendor-specific
29
Interrupt Source Register
Vendor-specific
30
Interrupt Mask Register
Vendor-specific
31
PHY Special Control/Status Register
Vendor-specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com