Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 49 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 45Page - SMSC Corporation LAN83C185 Datasheet HTML 46Page - SMSC Corporation LAN83C185 Datasheet HTML 47Page - SMSC Corporation LAN83C185 Datasheet HTML 48Page - SMSC Corporation LAN83C185 Datasheet HTML 49Page - SMSC Corporation LAN83C185 Datasheet HTML 50Page - SMSC Corporation LAN83C185 Datasheet HTML 51Page - SMSC Corporation LAN83C185 Datasheet HTML 52Page - SMSC Corporation LAN83C185 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
49
Rev. 0.8 (11-16-04)
DATASHEET
5.5.6.1
Functional Description
The Data recovery PLL has two modes of operation: Frequency Mode and Data Mode.
In frequency mode, the VCO locks to the external reference clock.
In Data mode, the VCO locks to the incoming data. When the PLL switches to Data mode, the VCO
is held. It is released on an incoming data edge. This provides a minimum amount of phase error when
the PLL switches from Frequency Mode to Data Mode.
5.5.7
PLL 10M - Transmit Clock
The transmit Phase Locked Loop (PLL) is used to generate a precise delay for the 10BASE-T
transmitter. It also provides a 20MHz clock for the transmit digital block.
5.5.7.1
Functional Description
This PLL is used to provide a Transmit clock to the digital and create a delay for the 10BASE-T
transmitter.
The Transmit PLL operates continuously in a frequency mode of operation where it is locked to the
input clock.
5.5.8
XMT_10
This block generates the differential outputs driven onto TXP/TXN in 10Base-T mode.
5.5.8.1
Functional Description
This block is a wave-shaped 10BASE-T transmitter, with high impedance current outputs. The low pass
filtering (wave-shaping) of the current output is done by progressive switching of small current sources.
The timing reference for the wave-shaping is the 10BASE-T transmit PLL. The transmitter is designed
to operate with a 1:1 turn-ratio transformer.
5.5.9
Central Bias
The Central Bias block generates a power-up reset signal, a PLL reset signal and the bias
currents/voltages needed by other on-chip blocks.
5.5.9.1
Functional Description
This block has three main functions: Reference bias current and voltage generator, power-up reset,
and PLL reset.
The bias generator generates accurate currents and voltages using an on-chip bandgap circuit and an
external 12.4K 1% resistor.
The power-up reset circuit generates a signal that stays high for 10 ms. This duration is controlled
through the use of counters and a 25MHz internal clock. An analog power-up circuit is used to set the
initial conditions and ensure proper startup of the circuit.
The PLL reset signal is generated after the occurrence of an active nRST. The internal reset signal is
asserted for the duration of four 25MHz clocks (160ns). It is then released. Releasing the PLL reset
early ensures that the PLL locks to the reference clock before the system reset (nRST) is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com