Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 5Page - SMSC Corporation LAN83C185 Datasheet HTML 6Page - SMSC Corporation LAN83C185 Datasheet HTML 7Page - SMSC Corporation LAN83C185 Datasheet HTML 8Page - SMSC Corporation LAN83C185 Datasheet HTML 9Page - SMSC Corporation LAN83C185 Datasheet HTML 10Page - SMSC Corporation LAN83C185 Datasheet HTML 11Page - SMSC Corporation LAN83C185 Datasheet HTML 12Page - SMSC Corporation LAN83C185 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
9
Rev. 0.8 (11-16-04)
DATASHEET
Chapter 1 General Description
The SMSC LAN83C185 is a low-power, highly integrated analog interface IC for high-performance
embedded Ethernet applications. The LAN83C185 requires only a single +3.3V supply.
The LAN83C185 consists of an encoder/decoder, scrambler/descrambler, transmitter with wave-
shaping and output driver, twisted-pair receiver with on-chip adaptive equalizer and baseline wander
(BLW) correction, clock and data recovery, and Media Independent Interface (MII).
The LAN83C185 is fully compliant with IEEE 802.3/ 802.3u standards and supports both 802.3u-
compliant and vendor-specific register functions. It contains a full-duplex 10-BASET/100BASE-TX
transceiver and supports 10-Mbps (10BASE-T) operation on Category 3 and Category 5 unshielded
twisted-pair cable, and 100-Mbps (100BASE-TX) operation on Category 5 unshielded twisted-pair
cable.
1.1
Architectural Overview
Figure 1.1 LAN83C185 Architectural Overview
10M Rx
Logic
100M Rx
Logic
DSP System:
Clock
Data Recovery
Equalizer
Analog-to-
Digital
100M PLL
Squelch &
Filters
10M PLL
Receive Section
Central
Bias
Auto-
Negotiation
Management
Control
SMI
TXP / TXN
TXD[0..3]
TX_EN
TX_ER
TX_CLK
RXD[0..3]
RX_DV
RX_ER
RX_CLK
CRS
COL
MDC
MDIO
SPEED100
LINKON
ACTIVITY
FDUPLEX
LED Circuitry
GPO Circuitry
MODE Control
GPO0
GPO1
GPO2
nINT
nRESET
RXP / RXN
10M Tx
Logic
10M
Transmitter
100M Tx
Logic
100M
Transmitter
Transmit Section
PLL
XTAL1
XTAL2
MODE0
MODE1
MODE2
PHY
Address
Latches
PHYAD[0..4]
1.8V
Regulator
Interrupt
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com