Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 31Page - SMSC Corporation LAN83C185 Datasheet HTML 32Page - SMSC Corporation LAN83C185 Datasheet HTML 33Page - SMSC Corporation LAN83C185 Datasheet HTML 34Page - SMSC Corporation LAN83C185 Datasheet HTML 35Page - SMSC Corporation LAN83C185 Datasheet HTML 36Page - SMSC Corporation LAN83C185 Datasheet HTML 37Page - SMSC Corporation LAN83C185 Datasheet HTML 38Page - SMSC Corporation LAN83C185 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
35
Rev. 0.8 (11-16-04)
DATASHEET
Table 5.34 Register 0 - Basic Control
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
0.15
Reset
1 = software reset. Bit is self-clearing. For best results,
when setting this bit do not set other bits in this
register.
RW/
SC
0
0.14
Loopback
1 = loopback mode,
0 = normal operation
RW
0
0.13
Speed Select
1 = 100Mbps,
0 = 10Mbps.
Ignored if Auto Negotiation is enabled (0.12 = 1).
RW
Set by
MODE[2:0]
bus
0.12
Auto-
Negotiation
Enable
1 = enable auto-negotiate process
(overrides 0.13 and 0.8)
0 = disable auto-negotiate process
RW
Set by
MODE[2:0]
bus
0.11
Power Down
1 = General power down mode,
0 = normal operation
RW
0
0.10
Isolate
1 = electrical isolation of PHY from MII
0 = normal operation
RW
Set by
MODE[2:0]
bus
0.9
Restart Auto-
Negotiate
1 = restart auto-negotiate process
0 = normal operation. Bit is self-clearing.
RW/
SC
0
0.8
Duplex Mode
1 = Full duplex,
0 = Half duplex.
Ignored if Auto Negotiation is enabled (0.12 = 1).
RW
Set by
MODE[2:0]
bus
0.7
Collision Test
1 = enable COL test,
0 = disable COL test
RW
0
0.6:0
Reserved
RO
0
Table 5.35 Register 1 - Basic Status
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
1.15
100Base-T4
1 = T4 able,
0 = no T4 ability
RO
0
1.14
100Base-TX Full
Duplex
1 = TX with full duplex,
0 = no TX full duplex ability
RO
1
1.13
100Base-TX Half
Duplex
1 = TX with half duplex,
0 = no TX half duplex ability
RO
1
1.12
10Base-T Full
Duplex
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
1
1.11
10Base-T Half
Duplex
1 = 10Mbps with half duplex
0 = no 10Mbps with half duplex ability
RO
1
1.10:6
Reserved
1.5
Auto-Negotiate
Complete
1 = auto-negotiate process completed
0 = auto-negotiate process not completed
RO
0
1.4
Remote Fault
1 = remote fault condition detected
0 = no remote fault
RO/
LH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com