Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 38 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 34Page - SMSC Corporation LAN83C185 Datasheet HTML 35Page - SMSC Corporation LAN83C185 Datasheet HTML 36Page - SMSC Corporation LAN83C185 Datasheet HTML 37Page - SMSC Corporation LAN83C185 Datasheet HTML 38Page - SMSC Corporation LAN83C185 Datasheet HTML 39Page - SMSC Corporation LAN83C185 Datasheet HTML 40Page - SMSC Corporation LAN83C185 Datasheet HTML 41Page - SMSC Corporation LAN83C185 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
Rev. 0.8 (11-16-04)
38
SMSC LAN83C185
DATASHEET
Table 5.40 Register 6 - Auto Negotiation Expansion
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
6.15:5
Reserved
RO
0
6.4
Parallel Detection
Fault
1 = fault detected by parallel detection logic
0 = no fault detected by parallel detection logic
RO/
LH
0
6.3
Link Partner Next
Page Able
1 = link partner has next page ability
0 = link partner does not have next page ability
RO
0
6.2
Next Page Able
1 = local device has next page ability
0 = local device does not have next page ability
RO
0
6.1
Page Received
1 = new page received
0 = new page not yet received
RO/
LH
0
6.0
Link Partner Auto-
Negotiation Able
1 = link partner has auto-negotiation ability
0 = link partner does not have auto-negotiation ability
RO
0
Table 5.41 Register 16 - Silicon Revision
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
16.15:10
Reserved
RO
0
16.9:6
Silicon Revision
Four-bit silicon revision identifier.
RO
0001
16.5:0
Reserved
RO
0
Table 5.42 Register 17 - Mode Control/Status
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
17.15
Reserved
Write as 0; ignore on read.
RW
0
17.14
FASTRIP
10Base-T fast mode:
0 = normal operation
1 = Reserved
Must be left at 0
RW,
NASR
0
17.13
EDPWRDOWN
Enable the Energy Detect Power-Down mode:
0 = Energy Detect Power-Down is disabled
1 = Energy Detect Power-Down is enabled
RW
0
17.12
Reserved
Write as 0, ignore on read
RW
0
17.11
LOWSQEN
The Low_Squelch signal is equal to LOWSQEN AND
EDPWRDOWN.
Low_Squelch = 1 implies a lower threshold
(more sensitive).
Low_Squelch = 0 implies a higher threshold
(less sensitive).
RW
0
17.10
MDPREBP
Management Data Preamble Bypass:
0 – detect SMI packets with Preamble
1 – detect SMI packets without preamble
RW
0
17.9
Reserved
Reserved
Must be left at 0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com