Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 48Page - SMSC Corporation LAN83C185 Datasheet HTML 49Page - SMSC Corporation LAN83C185 Datasheet HTML 50Page - SMSC Corporation LAN83C185 Datasheet HTML 51Page - SMSC Corporation LAN83C185 Datasheet HTML 52Page - SMSC Corporation LAN83C185 Datasheet HTML 53Page - SMSC Corporation LAN83C185 Datasheet HTML 54Page - SMSC Corporation LAN83C185 Datasheet HTML 55Page - SMSC Corporation LAN83C185 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
Rev. 0.8 (11-16-04)
52
SMSC LAN83C185
DATASHEET
6.2
100Base-TX Timings
6.2.1
100M MII Receive Timing
6.2.2
100M MII Transmit Timing
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T2.1
Receive signals setup to RX_CLK
rising
10
ns
T2.2
Receive signals hold from
RX_CLK rising
10
ns
RX_CLK frequency
25
MHz
RX_CLK Duty-Cycle
40
%
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T3.1
Transmit signals setup to TX_CLK
rising
12
ns
T3.2
Transmit signals hold after
TX_CLK rising
0ns
TX_CLK frequency
25
MHz
TX_CLK Duty-Cycle
40
%
RX_CLK
RXD[3:0]
RX_DV
RX_ER
T2.1
Valid Data
T2.2
TX_CLK
TXD[3:0]
TX_EN
TX_ER
T3.1
T3.2
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com