Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 37Page - SMSC Corporation LAN83C185 Datasheet HTML 38Page - SMSC Corporation LAN83C185 Datasheet HTML 39Page - SMSC Corporation LAN83C185 Datasheet HTML 40Page - SMSC Corporation LAN83C185 Datasheet HTML 41Page - SMSC Corporation LAN83C185 Datasheet HTML 42Page - SMSC Corporation LAN83C185 Datasheet HTML 43Page - SMSC Corporation LAN83C185 Datasheet HTML 44Page - SMSC Corporation LAN83C185 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
41
Rev. 0.8 (11-16-04)
DATASHEET
Table 5.47 Register 23 - TSTWRITE
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
23.15:0
WRITE_DATA
This field contains the data that will be written to a
specific register on the “Programming” transaction.
RW
0
Table 5.48 Register 27 - Special Control/Status Indications
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
27.15:13
Reserved
RW
0
27.12
SWRST_FAST
1 = Accelerates SW reset counter from 256 ms to 10
us for production testing.
RW
0
27:11
SQEOFF
Disable the SQE test (Heartbeat):
0 - SQE test is enabled.
1 - SQE test is disabled.
RW,
NASR
0
27:10
VCOOFF_LP
Forces the Receive PLL 10M to lock on the reference
clock at all times:
0 - Receive PLL 10M can lock on reference or line as
needed (normal operation)
1 - Receive PLL 10M is locked on the reference clock.
In this mode 10M data packets cannot be received.
RW,
NASR
0
27.9
Reserved
Write as 0. Ignore on read.
RW
0
27.8
Reserved
Write as 0. Ignore on read.
RW
0
27.7
Reserved
Write as 0. Ignore on read
RW
0
27.6
Reserved
Write as 0. Ignore on read.
RW
0
27.5
Reserved
Write as 0. Ignore on read.
RW
27.4
XPOL
Polarity state of the 10Base-T:
0 - Normal polarity
1 - Reversed polarity
RO
0
27.3:0
AUTONEGS
Auto-negotiation “ARB” State-machine state
RO
1011
Table 5.49 Register 28 - Special Internal Testability Controls
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
28.15:0
Reserved
Do not write to this register. Ignore on read.
RW
N/A
Table 5.50 Register 29 - Interrupt Source Flags
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
29.15:8
Reserved
Ignore on read.
RO/
LH
0
29.7
INT7
1 = ENERGYON generated
0 = not source of interrupt
RO/
LH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com