Electronic Components Datasheet Search
  English  ▼

X  

LAN83C185 Datasheet(PDF) 46 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 42Page - SMSC Corporation LAN83C185 Datasheet HTML 43Page - SMSC Corporation LAN83C185 Datasheet HTML 44Page - SMSC Corporation LAN83C185 Datasheet HTML 45Page - SMSC Corporation LAN83C185 Datasheet HTML 46Page - SMSC Corporation LAN83C185 Datasheet HTML 47Page - SMSC Corporation LAN83C185 Datasheet HTML 48Page - SMSC Corporation LAN83C185 Datasheet HTML 49Page - SMSC Corporation LAN83C185 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
Rev. 0.8 (11-16-04)
46
SMSC LAN83C185
DATASHEET
Figure 5.1 PHY Address Strapping on LEDS
The ACTIVITY LED output is driven active when CRS is active (high). When CRS becomes inactive,
the Activity LED output is extended by 128ms.
The LINKON LED output is driven active whenever the PHY detects a valid link. The use of the
10Mbps or 100Mbps link test status is determined by the condition of the internally determined speed
selection.
The SPEED100 LED output is driven active when the operating speed is 100Mbit/s or during Auto-
negotiation. This LED will go inactive when the operating speed is 10Mbit/s or during line isolation
(register 31 bit 5).
The Full-Duplex LED output is driven active low when the link is operating in Full-Duplex mode.
5.4.8
Loopback Operation
The 10/100 digital has two independent loop-back modes: Internal loopback and far loopback.
5.4.8.1
Internal Loopback
The internal loopback mode is enabled by setting bit register 0 bit 14 to logic one. In this mode, the
scrambled transmit data (output of the scrambler) is looped into the receive logic (input of the
descrambler). The COL signal will be inactive in this mode, unless collision test (bit 0.7) is active.
In this mode, during transmission (TX_EN is HIGH), nothing is transmitted to the line and the
transmitters are powered down.
5.4.9
Configuration Signals
The PHY has 11 configuration signals whose inputs should be driven continuously, either by external
logic or external pull-up/pull-down resistors.
5.4.9.1
Physical Address Bus - PHYAD[4:0]
The PHYAD[4:0] signals are driven high or low to give each PHY a unique address. This address is
latched into an internal register at end of hardware reset. In a multi-PHY application (such as a
repeater), the controller is able to manage each PHY via the unique address. Each PHY checks each
management data frame for a matching address in the relevant bits. When a match is recognized, the
PHY responds to that particular frame. The PHY address is also used to seed the scrambler. In a multi-
PHY application, this ensures that the scramblers are out of synchronization and disperses the
electromagnetic radiation across the frequency spectrum.
LED1-LED4
~270 ohms
Phy Address = 0
LED output = active high
~10K ohms
~270 ohms
LED1-LED4
VDD
Phy Address = 1
LED output = active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com