Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology LTC1874 Datasheet HTML 10Page - Linear Technology LTC1874 Datasheet HTML 11Page - Linear Technology LTC1874 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1874
IRIPPLE = 0.4(IOUT(MAX)). Remember, the maximum IRIPPLE
occurs at the maximum input voltage.
In Burst Mode operation on an LTC1874 controller, the
ripple current is normally set such that the inductor
current is continuous during the burst periods. Therefore,
the peak-to-peak ripple current must not exceed:
I
V
R
RIPPLE
SENSE
≤
003
.
This implies a minimum inductance of:
L
VV
f
R
VV
VV
MIN
IN
OUT
SENSE
OUT
D
IN
D
=
−


+
+


003
.
(Use VIN(MAX) = VIN)
A smaller value than LMIN could be used in the circuit;
however, the inductor current will not be continuous
during burst periods.
Inductor Core Selection
Once the value of inductor is known, an off the shelf
inductor can be selected. The inductor should be rated for
the calculated peak current. Some manufacturers specify
both peak saturation current and peak RMS current. Make
sure that the RMS current meets your continuous load
requirements. Also, you may want to compare the DC
resistance of different inductors in order to optimize the
efficiency.
Inductor core losses are usually not specified and you will
need to evaluate them yourself. Usually, the core losses
are not a problem because the inductors operate with
relatively low magnetic flux swings. The best way to
evaluate the core losses is by measuring the converters
efficiency. Converter efficiency will reveal the difference in
both DC current losses and core losses.
Off the shelf inductors are available from numerous manu-
facturers. Some of the most common manufacturers are
Coilcraft, Coiltronics, Panasonic, Toko, Tokin, Murata and
Sumida.
Power MOSFET Selection
The main selection criteria for the power MOSFET are the
threshold voltage VGS(TH), the “on” resistance RDS(ON),
reverse transfer capacitance CRSS and total gate charge.
Since the controller is designed for operation down to low
input voltages, a logic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the controller is less
than the absolute maximum VGS rating, typically 8V.
The required minimum RDS(ON) of the MOSFET is gov-
erned by its allowable power dissipation. For applications
that may operate the controller in dropout, i.e., 100% duty
cycle, at its worst case the required RDS(ON) is given by:
R
P
Ip
DS ON
P
OUT MAX
DC
()
()
%
=
= () +()
100
2
1
δ
where PP is the allowable power dissipation and δp is the
temperature dependency of RDS(ON). (1 + δp) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but
δp = 0.005/°C can be used as an
approximation for low voltage MOSFETs.
In applications where the maximum duty cycle is less than
100% and the controller is in continuous mode, the
RDS(ON) is governed by:
R
P
DC I
p
DS ON
P
OUT
() ≅ ()
+
()
2
1
δ
where DC is the maximum operating duty cycle of the
controller.
Output Diode Selection
The catch diode carries load current during the off-time.
The average diode current is therefore dependent on the
MOSFET duty cycle. At high input voltages the diode
conducts most of the time. As VIN approaches VOUT the
diode conducts only a small fraction of the time. The most
stressful condition for the diode is when the output is
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com