Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 4 Page - Linear Technology

  LTC1874 Datasheet HTML 1Page - Linear Technology LTC1874 Datasheet HTML 2Page - Linear Technology LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1874
PIN FUNCTIONS
VIN1 (Pin 1): Main Supply Pin for Controller #1. This pin
delivers the Input DC Supply Current (listed in the Electri-
cal Characteristics table) plus a small amount of logic
switching current. Must be connected to PVIN1 (Pin 16)
and closely decoupled to GND1 (Pin 3).
SENSE1– (Pin 2): The Negative Input to the Current
Comparator of Controller #1.
GND1 (Pin 3): Signal Ground for Controller #1. Must be
connected to PGND1 (Pin 14).
VFB1 (Pin 4): Receives the feedback voltage from an
external resistive divider across the output of Controller
#1.
ITH/RUN2 (Pin 5): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input of Controller #2. The current com-
parator threshold increases with this control voltage.
Nominal voltage range for this pin is 0.7V to 1.9V. Forcing
this pin below 0.35V causes Controller #2 to be shut down.
In shutdown, all functions of Controller #2 are disabled
and PGATE2 (Pin 7) is held high.
PGND2 (Pin 6): Power Ground for Controller #2. Must be
connected to GND2 (Pin 11).
PGATE2 (Pin 7): Gate Drive for the External P-Channel
MOSFET of Controller #2. This pin swings from 0V to the
voltage of PVIN2.
PVIN2 (Pin 8): Power Supply Pin for Controller #2. This pin
delivers the dynamic switching current that drives the gate
of the external P-channel MOSFET of Controller #2. Must
be connected to VIN2 (Pin 9) and closely decoupled to
PGND2 (Pin 6).
VIN2 (Pin 9): Main Supply Pin for Controller #2. This pin
delivers the Input DC Supply Current (listed in the Electri-
cal Characteristics table) plus a small amount of logic
switching current. Must be connected to PVIN2 (Pin 8) and
closely decoupled to GND2 (Pin 11).
SENSE2– (Pin 10): The Negative Input to the Current
Comparator of Controller #2.
GND2 (Pin 11): Signal Ground for Controller #2. Must be
connected to PGND2 (Pin 6).
VFB2 (Pin 12): Receives the feedback voltage from an
external resistive divider across the output of Controller
#2.
ITH/RUN1 (Pin 13): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input of Controller #1. The current com-
parator threshold increases with this control voltage.
Nominal voltage range for this pin is 0.7V to 1.9V. Forcing
this pin below 0.35V causes Controller #1 to be shut down.
In shutdown, all functions of Controller #1 are disabled
and PGATE1 (Pin 15) is held high.
PGND1 (Pin 14): Power Ground for Controller #1. Must be
connected to GND1 (Pin 3).
PGATE1 (Pin 15): Gate Drive for the External P-Channel
MOSFET of Controller #1. This pin swings from 0V to the
voltage of PVIN1.
PVIN1 (Pin 16): Power Supply Pin for Controller #1. This
pin delivers the dynamic switching current that drives the
gate of the external P-channel MOSFET of Controller #1.
Must be connected to VIN1 (Pin 1) and closely decoupled
to PGND1 (Pin 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com