Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1874 Datasheet HTML 2Page - Linear Technology LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology LTC1874 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1874
(Refer to Functional Diagram)
The LTC1874 is a dual, constant frequency current mode
switching regulator. The two switching regulators func-
tion identically but independent of each other. The follow-
ing description of operation is written for a single
switching regulator.
Main Control Loop
During normal operation, the external P-channel power
MOSFET is turned on by the oscillator and turned off when
the current comparator (ICMP) resets the RS latch. The
peak inductor current at which ICMP resets the RS latch is
controlled by the voltage on the ITH/RUN pin, which is the
output of the error amplifier EAMP. An external resistive
divider connected between VOUT and ground allows the
EAMP to receive an output feedback voltage VFB. When the
load current increases, it causes a slight decrease in VFB
relative to the 0.8V reference, which in turn causes the
ITH/RUN voltage to increase until the average inductor
current matches the new load current.
The main control loop is shut down by pulling the ITH/RUN
pin low. Releasing ITH/RUN allows an internal 0.5µA
current source to charge up the external compensation
network. When the ITH/RUN pin reaches 0.35V, the main
control loop is enabled with the ITH/RUN voltage then
pulled up to its zero current level of approximately 0.7V.
As the external compensation network continues to charge
up, the corresponding output current trip level follows,
allowing normal operation.
Comparator OVP guards against transient overshoots
greater than 7.5% by turning off the external P-channel
power MOSFET and keeping it off until the fault is
removed.
Burst Mode Operation
The controller enters Burst Mode operation at low load
currents. In this mode, the peak current of the inductor is
set as if VITH/RUN = 1V (at low duty cycles) even though
the voltage at the ITH/RUN pin is at a lower value. If the
inductor’s average current is greater than the load require-
ment, the voltage at the ITH/RUN pin will drop. When the
ITH/RUN voltage goes below 0.85V, the sleep signal goes
high, turning off the external MOSFET. The sleep signal
goes low when the ITH/RUN voltage goes above 0.925V
and the controller resumes normal operation. The next
oscillator cycle will turn the external MOSFET on and the
switching cycle repeats.
Dropout Operation
When the input supply voltage decreases towards the
output voltage, the rate of change of inductor current
during the ON cycle decreases. This reduction means that
the external P-channel MOSFET will remain on for more
than one oscillator cycle since the inductor current has not
ramped up to the threshold set by EAMP. Further reduc-
tion in input supply voltage will eventually cause the
P-channel MOSFET to be turned on 100%, i.e., DC. The
output voltage will then be determined by the input voltage
minus the voltage drop across the MOSFET, the sense
resistor and the inductor.
Undervoltage Lockout
To prevent operation of the P-channel MOSFET below safe
input voltage levels, an undervoltage lockout is incorpo-
rated into the controller. When the input supply voltage
drops below approximately 2.0V, the P-channel MOSFET
and all circuitry is turned off except the undervoltage
block, which draws only several microamperes.
Short-Circuit Protection
When the output is shorted to ground, the frequency of the
oscillator will be reduced to about 120kHz. This lower
frequency allows the inductor current to safely discharge,
thereby preventing current runaway. The oscillator’s fre-
quency will gradually increase to its designed rate when
the feedback voltage again approaches 0.8V.
Overvoltage Protection
As a further protection, the overvoltage comparator in the
controller will turn the external MOSFET off when the
feedback voltage has risen 7.5% above the reference
voltage of 0.8V. This comparator has a typical hysteresis
of 20mV.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com