Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 5 Page - Linear Technology

  LTC1874 Datasheet HTML 1Page - Linear Technology LTC1874 Datasheet HTML 2Page - Linear Technology LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1874
FUNCTIONAL DIAGRA
Controller #1
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
–
+
–
+
0.15V
0.5
µA
0.3V
SLEEP
OVP
SHORT-CIRCUIT
DETECT
BURST
CMP
SHDN
1.2V
UV
1874FD
VREF
+
60mV
VREF
0.8V
VIN
RS1
VOLTAGE
REFERENCE
SLOPE
COMP
ICMP
R
S
Q
FREQ
FOLDBACK
OSC
SENSE1–
VIN1
1
3
2
–
+
EAMP
VFB1
–
+
4
PVIN2
8
PGATE2
7
PGND2
6
VFB2
12
ITH/RUN2
CONTROLLER #2 IS THE SAME AS CONTROLLER #1
PGATE1
15
PGND1
14
PVIN1
16
ITH/RUN1
VIN
0.35V
VREF
0.8V
13
–
+
SHDN
CMP
0.3V
GND1
11
GND2
–
+
UNDERVOLTAGE
LOCKOUT
VIN
VIN2
9
SENSE2–
5
10
Controller #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com