Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 1 Page - Linear Technology

  LTC1874 Datasheet HTML 1Page - Linear Technology LTC1874 Datasheet HTML 2Page - Linear Technology LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1874
FEATURES
APPLICATIO S
TYPICAL APPLICATION
DESCRIPTIO
Dual Constant Frequency
Current Mode Step-Down
DC/DC Controller
The LTC
®1874 is a dual constant frequency current mode
step-down DC/DC controller with excellent AC and DC load
and line regulation. Each controller has an accurate
undervoltage lockout that shuts down the individual con-
troller when the input voltage falls below 2.0V.
The LTC1874 boasts
±2.5% output voltage accuracy and
consumes only 270
µA of quiescent current per controller.
The LTC1874 is configured with Burst Mode operation,
which enhances efficiency at low output current for appli-
cations where efficiency is a prime consideration.
To further maximize the life of a battery source, each
external P-channel MOSFET is turned on continuously in
dropout (100% duty cycle). In shutdown, each controller
draws a mere 8
µA. High constant operating frequency of
550kHz allows the use of small external inductors.
The LTC1874 is available in a small footprint 16-lead
narrow SSOP.
Figure 1. LTC1874 3.5V-9.5V Input to 3.3V/1A and 1.8V/1A Dual Step-Down Converter
s
1- or 2-Cell Lithium-Ion-Powered Applications
s
Personal Information Appliances
s
Portable Computers
s
Distributed 3.3V, 2.5V or 1.8V Power Systems
s
High Efficiency: Up to 94%
s
High Output Currents Easily Achieved
s
Wide VIN Range: 2.5V to 9.8V
s
Constant Frequency 550kHz Operation
s
Burst Mode
TM Operation at Light Load
s
Low Dropout: 100% Duty Cycle
s
0.8V Reference Allows Low Output Voltages
s
Current Mode Operation for Excellent
Line and Load Transient Response
s
Low Quiescent Current: 270
µA (Each Controller)
s
Separate Shutdown Pin for Each Controller
s
Shutdown Mode Draws Only
8
µA Supply Current (Each Controller)
s
±2.5% Reference Accuracy
s
Available in 16-Lead Narrow SSOP
s
Each Controller Functions Independent of the Other
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
VIN1
SENSE1–
GND1
VFB1
ITH/RUN1
PGND1
PGATE1
PVIN1
8
7
6
5
12
11
10
9
1
2
3
4
13
14
15
16
PVIN2
PGATE2
PGND2
ITH/RUN2
VFB2
GND2
SENSE2–
VIN2
LTC1874
10k
220pF
M2
D2
C2
47
µF
6V
R2
0.04
Ω
L2
4.7
µH
220pF
10k
R1
0.04
Ω
80.6k
1874 TA01
100k
VOUT2
1.8V
1A
+
80.6k
249k
C1
47
µF
6V
C1, C2: SANYO POSCAP 6TPA47M
CIN: TAIYO YUDEN CERAMIC
EMK325BJ106MNT (
×2)
D1, D2: MBRM120
L1, L2: COILCRAFT D01608C-472
M1, M2: Si3443DV
R1, R2: DALE 0.25W
L1
4.7
µH
+
CIN
10
µF
16V
×2
VIN
3.5V
TO 9.5V
D1
M1
VOUT1
3.3V
1A


Similar Part No. - LTC1874

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1874 LINER-LTC1874 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results

Similar Description - LTC1874

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1864 AD-ADP1864_15 Datasheet
241Kb / 16P
Constant Frequency Current-Mode Step-Down DC-to-DC Controller in TSOT
REV. C
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com