Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology LTC1874 Datasheet HTML 10Page - Linear Technology LTC1874 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1874
Slope Compensation and Inductor’s Peak Current
The inductor’s peak current is determined by:
I
V
R
PK
ITH
SENSE
= ()
–.
07
10
when the controller is operating below 40% duty cycle.
However, once the duty cycle exceeds 40%, slope com-
pensation begins and effectively reduces the peak inductor
current. The amount of reduction is given by the curves in
Figure 2.
Figure 2. Percentage of Maximum Output Current vs Duty Cycle
DUTY CYCLE (%)
110
100
90
80
70
60
50
40
30
20
10
1874 F02
0
70 80 90 100
60
10
20 30
40 50
IRIPPLE = 0.4IPK
AT 5% DUTY CYCLE
IRIPPLE = 0.2IPK
AT 5% DUTY CYCLE
VIN = 4.2V
The basic LTC1874 application circuit is shown in
Figure 1. External component selection for each control-
ler is driven by the load requirement and begins with the
selection of L1 and RSENSE (= R1). Next, the power
MOSFET (M1) and the output diode (D1) are selected
followed by CIN and COUT (= C1).
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage devel-
oped across RSENSE, the threshold of the comparator
determines the inductor’s peak current. The output cur-
rent the controller can provide is given by:
I
V
R
I
OUT
SENSE
RIPPLE
=−
012
2
.
where IRIPPLE is the inductor peak-to-peak ripple current
(see Inductor Value Calculation section).
A reasonable starting point for setting ripple current is
IRIPPLE = (0.4)(IOUT). Rearranging the above equation, it
becomes:
R
I
SENSE
OUT
= ()( )
1
10
for Duty Cycle < 40%
However, for operation that is above 40% duty cycle, slope
compensation effect has to be taken into consideration to
select the appropriate value to provide the required amount
of current. Using Figure 2, the value of RSENSE is:
R
SF
I
SENSE
OUT
= ()( )( )
10
100
where SF is the “slope factor.”
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductance value also has a direct effect on ripple
current. The ripple current, IRIPPLE, decreases with higher
inductance or frequency and increases with higher VIN or
VOUT. The inductor’s peak-to-peak ripple current is given
by:
I
VV
fL
VV
VV
RIPPLE
IN
OUT
OUT
D
IN
D
=
−
()
+
+


where f is the operating frequency. Accepting larger values
of IRIPPLE allows the use of low inductances, but results in
higher output voltage ripple and greater core losses. A
reasonable starting point for setting ripple current is
APPLICATIO S I FOR ATIO
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com