Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology LTC1874 Datasheet HTML 10Page - Linear Technology LTC1874 Datasheet HTML 11Page - Linear Technology LTC1874 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1874
short-circuited. Under this condition the diode must safely
handle IPEAK at close to 100% duty cycle. Therefore, it is
important to adequately specify the diode peak current and
average power dissipation so as not to exceed the diode
ratings.
Under normal load conditions, the average current con-
ducted by the diode is:
I
VV
VV
I
D
IN
OUT
IN
D
OUT
=
−
+


The allowable forward voltage drop in the diode is calcu-
lated from the maximum short-circuit current as:
V
P
I
F
D
SC MAX
≈
()
where PD is the allowable power dissipation and will be
determined by efficiency and/or thermal requirements.
Schottky diodes are a good choice for low forward drop
and fast switching times. Remember to keep lead length
short and observe proper grounding (see Board Layout
Checklist) to avoid ringing and increased dissipation.
CIN and COUT Selection
In continuous mode, the source current of the P-channel
MOSFET is a square wave of duty cycle (VOUT + VD)/
(VIN + VD). To prevent large voltage transients, a low ESR
input capacitor sized for the maximum RMS current must
be used. The maximum RMS capacitor current is given by:
CI
VV
V
V
IN
MAX
OUT
IN
OUT
IN
Required IRMS ≈
−
()
[]12/
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief. Several capacitors may be paralleled to
meet the size or height requirements in the design. Due to
the high operating frequency of the controller, ceramic
capacitors can also be used for CIN. Always consult the
manufacturer if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied, the capacitance is adequate for filtering.
The output ripple (
∆VOUT) is approximated by:
∆V
I
ESR
fC
OUT
RIPPLE
OUT
≈+


1
4
where f is the operating frequency, COUT is the output
capacitance and IRIPPLE is the ripple current in the induc-
tor. The output ripple is highest at maximum input voltage
since
∆IL increases with input voltage.
Once the ESR requirement for COUT has been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement. Multiple capacitors may have to be paral-
leled to meet the ESR or RMS current handling require-
ments of the application. Aluminum electrolytic and dry
tantalum capacitors are both available in surface mount
configurations. An excellent choice of tantalum capacitors
are the AVX TPS and KEMET T510 series of surface mount
tantalum capacitors.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com