Electronic Components Datasheet Search
  English  ▼

X  

MAX5590 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5590
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5590 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5590 Datasheet HTML 1Page - Maxim Integrated Products MAX5590 Datasheet HTML 2Page - Maxim Integrated Products MAX5590 Datasheet HTML 3Page - Maxim Integrated Products MAX5590 Datasheet HTML 4Page - Maxim Integrated Products MAX5590 Datasheet HTML 5Page - Maxim Integrated Products MAX5590 Datasheet HTML 6Page - Maxim Integrated Products MAX5590 Datasheet HTML 7Page - Maxim Integrated Products MAX5590 Datasheet HTML 8Page - Maxim Integrated Products MAX5590 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
General Description
The MAX5590–MAX5595 octal, 12/10/8-bit, voltage-out-
put digital-to-analog converters (DACs) offer buffered
outputs and a 3µs maximum settling time at the 12-bit
level. The DACs operate from a +2.7V to +5.25V analog
supply and a separate +1.8V to +5.25V digital supply.
The 20MHz 3-wire serial interface is compatible with
SPI™, QSPI™, MICROWIRE™, and digital signal
processor (DSP) protocol applications. Multiple devices
can share a common serial interface in direct-access or
daisy-chained configuration. The MAX5590–MAX5595
provide two multifunction, user-programmable, digital
I/O ports. The externally selectable power-up states of
the DAC outputs are either zero scale, midscale, or full
scale. Software-selectable FAST and SLOW settling
modes decrease settling time in FAST mode, or reduce
supply current in SLOW mode.
The MAX5590/MAX5591 are 12-bit DACs, the MAX5592/
MAX5593 are 10-bit DACs, and the MAX5594/
MAX5595 are 8-bit DACs. The MAX5590/MAX5592/
MAX5594 provide unity-gain-configured output buffers,
while the MAX5591/MAX5593/MAX5595 provide force-
sense-configured output buffers. The MAX5590–
MAX5595 are specified over the extended -40°C to
+85°C temperature range, and are available in space-
saving 24-pin and 28-pin TSSOP packages.
Applications
Portable Instrumentation
Automatic Test Equipment (ATE)
Digital Offset and Gain Adjustment
Automatic Tuning
Programmable Voltage and Current Sources
Programmable Attenuators
Industrial Process Controls
Motion Control
Microprocessor (µP)-Controlled Systems
Power Amplifier Control
Fast Parallel-DAC to Serial-DAC Upgrades
Features
♦ Octal, 12/10/8-Bit Serial DACs in TSSOP Packages
♦ 3µs (max) 12-Bit Settling Time to 1/2 LSB
♦ Integral Nonlinearity:
1 LSB (max) MAX5590/MAX5591 A-Grade (12-Bit)
1 LSB (max) MAX5592/MAX5593 (10-Bit)
1/2 LSB (max) MAX5594/MAX5595 (8-Bit)
♦ Guaranteed Monotonic, ±1 LSB (max) DNL
♦ Two User-Programmable Digital I/O Ports
♦ Single +2.7V to +5.25V Analog Supply
♦ +1.8V to AVDD Digital Supply
♦ 20MHz, 3-Wire, SPI-/QSPI-/MICROWIRE-/DSP-
Compatible Serial Interface
♦ Glitch-Free Outputs Power Up to Zero Scale,
Midscale, or Full Scale Controlled by PU Pin
♦ Unity-Gain or Force-Sense-Configured Output
Buffers
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2983; Rev 0; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Future product—contact factory for availability. Specifications
are preliminary.
Selector Guide and Pin Configurations appear at end of data
sheet.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX5590AEUG*
-40
°C to +85°C
24 TSSOP
MAX5590BEUG
-40
°C to +85°C
24 TSSOP
MAX5591AEUI*
-40
°C to +85°C
28 TSSOP
MAX5591BEUI
-40
°C to +85°C
28 TSSOP
MAX5592EUG
-40
°C to +85°C
24 TSSOP
MAX5593EUI
-40
°C to +85°C
28 TSSOP
MAX5594EUG
-40
°C to +85°C
24 TSSOP
MAX5595EUI
-40
°C to +85°C
28 TSSOP


Similar Part No. - MAX5590

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
MAX5590AEUG MAXIM-MAX5590AEUG Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
MAX5590BEUG MAXIM-MAX5590BEUG Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
More results

Similar Description - MAX5590

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
6/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com