Electronic Components Datasheet Search
  English  ▼

X  

MAX5590 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5590
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5590 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5590 Datasheet HTML 1Page - Maxim Integrated Products MAX5590 Datasheet HTML 2Page - Maxim Integrated Products MAX5590 Datasheet HTML 3Page - Maxim Integrated Products MAX5590 Datasheet HTML 4Page - Maxim Integrated Products MAX5590 Datasheet HTML 5Page - Maxim Integrated Products MAX5590 Datasheet HTML 6Page - Maxim Integrated Products MAX5590 Datasheet HTML 7Page - Maxim Integrated Products MAX5590 Datasheet HTML 8Page - Maxim Integrated Products MAX5590 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply Voltage
Range
AVDD
2.70
5.25
V
Digital Supply Voltage
Range
DVDD
1.8
AVDD
V
Unity gain
1.5
3.2
SLOW mode, all digital inputs
at DGND or DVDD, no load,
VREF = 4.096V
Force sense
2.4
4.8
Unity gain
2.5
8
Operating Supply
Current
IAVDD
+
IDVDD
FAST mode, all digital inputs
at DGND or DVDD, no load,
VREF = 4.096V
Force sense
3.4
8
mA
Shutdown Supply
Current
IAVDD(SHDN)
+
IDVDD(SHDN)
No clocks, all digital inputs at DGND or DVDD, all
DACs in shutdown mode
0.5
1
µA
Note 1: For the force-sense versions, FB_ is connected to its respective OUT_. VOUT (max) = VREF / 2, unless otherwise noted.
Note 2: Linearity guaranteed from decimal code 40 to code 4095 for the MAX5590B/MAX5591B (12-bit, B-grade), code 10 to code
1023 for the MAX5592/MAX5593 (10-bit), and code 3 to code 255 for the MAX5594/MAX5595 (8-bit).
Note 3: Represents the functional range. The linearity is guaranteed at VREF = 2.5V (for AVDD from 2.7V to 5.25V), and VREF =
4.096V (for AVDD = 4.5V to 5.25V). See the Typical Operating Characteristics section for linearity at other voltages.
Note 4: DC crosstalk is measured as follows: outputs of DACA–DACH are set to full scale and the output of DACH is measured.
While keeping DACH unchanged, the outputs of DACA–DACG are transitioned to zero scale and the
∆VOUT of DACH is
measured.
Note 5: Guaranteed by design.
Note 6: The reference -3dB bandwidth is measured with a 0.1VP-P sine wave on VREF and with full-scale input code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com