Electronic Components Datasheet Search
  English  ▼

X  

MAX5590 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5590
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5590 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5590 Datasheet HTML 1Page - Maxim Integrated Products MAX5590 Datasheet HTML 2Page - Maxim Integrated Products MAX5590 Datasheet HTML 3Page - Maxim Integrated Products MAX5590 Datasheet HTML 4Page - Maxim Integrated Products MAX5590 Datasheet HTML 5Page - Maxim Integrated Products MAX5590 Datasheet HTML 6Page - Maxim Integrated Products MAX5590 Datasheet HTML 7Page - Maxim Integrated Products MAX5590 Datasheet HTML 8Page - Maxim Integrated Products MAX5590 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection
Ratio
PSRR
Full-scale output, AVDD = 2.7V to 5.25V
200
µV/V
REFERENCE INPUT
Reference Input Range
VREF
0.25
AVDD
V
Reference Input
Resistance
RREF
Normal operation (no code dependence)
145
200
k
Ω
Reference Leakage
Current
Shutdown mode
0.5
1
µA
DAC OUTPUT CHARACTERISTICS
Unity gain
85
SLOW mode, full scale
Force sense
67
Unity gain
140
Output Voltage Noise
FAST mode, full scale
Force sense
110
µVRMS
Unity-gain output
0
AVDD
Output Voltage Range
(Note 3)
Force-sense output
0
AVDD / 2
V
DC Output Impedance
38
Ω
AVDD = 5V, OUT_ to AGND, full scale, FAST mode
57
Short-Circuit Current
AVDD = 3V, OUT_ to AGND, full scale, FAST mode
45
mA
Power-Up Time
From VDD applied until interface is functional
30
60
µs
Wake-Up Time
Coming out of shutdown, outputs settled
40
µs
Output OUT_ and FB_
Open-Circuit Leakage
Current
Programmed in shutdown mode, force-sense
outputs only
0.01
µA
DIGITAL OUTPUTS (UPIO_)
Output High Voltage
VOH
ISOURCE = 2mA
DVDD -
0.5
V
Output Low Voltage
VOL
ISINK = 2mA
0.4
V
DIGITAL INPUTS (SCLK,
CS, DIN, DSP, UPIO_)
DVDD
≥ 2.7V
2.4
Input High Voltage
VIH
DVDD < 2.7V
0.7 x
DVDD
V
DVDD > 3.6V
0.8
2.7V
≤ DVDD ≤ 3.6V
0.6
Input Low Voltage
VIL
DVDD < 2.7V
0.2
V
Input Leakage Current
IIN
±0.1
±1
µA
Input Capacitance
CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com