Electronic Components Datasheet Search
  English  ▼

X  

MAX5590 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5590
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5590 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5590 Datasheet HTML 1Page - Maxim Integrated Products MAX5590 Datasheet HTML 2Page - Maxim Integrated Products MAX5590 Datasheet HTML 3Page - Maxim Integrated Products MAX5590 Datasheet HTML 4Page - Maxim Integrated Products MAX5590 Datasheet HTML 5Page - Maxim Integrated Products MAX5590 Datasheet HTML 6Page - Maxim Integrated Products MAX5590 Datasheet HTML 7Page - Maxim Integrated Products MAX5590 Datasheet HTML 8Page - Maxim Integrated Products MAX5590 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PU INPUT
Input High Voltage
VIH-PU
DVDD -
200mV
V
Input Low Voltage
VIL-PU
200
mV
Input Leakage Current
IIN-PU
PU still considered floating when connected to a
tri-state bus
±200
nA
DYNAMIC PERFORMANCE
FAST mode
3.6
Voltage-Output Slew
Rate
SR
SLOW mode
1.6
V/µs
MAX5590/MAX5591 from code 322 to
code 4095 to 1/2 LSB
23
MAX5592/MAX5593 from code 10 to
code 1023 to 1/2 LSB
1.5
3
FAST
mode
MAX5594/MAX5595 from code 3 to
code 255 to 1/2 LSB
12
MAX5590/MAX5591 from code 322 to
code 4095 to 1/2 LSB
36
MAX5592/MAX5593 from code 10 to
code 1023 1/2 LSB
2.5
6
Voltage-Output Settling
Time (Note 5)
SLOW
mode
MAX5594/MAX5595 from code 3 to
code 255 to 1/2 LSB
24
µs
FB_ Input Voltage
0
VREF / 2
V
FB_ Input Current
0.1
µA
Unity gain
200
Reference -3dB
Bandwidth (Note 6)
Force sense
150
kHz
Digital Feedthrough
CS = DVDD, code = zero scale, any digital input
from 0 to DVDD and DVDD to 0, f = 100kHz
0.1
nV-s
Digital-to-Analog Glitch
Impulse
Major carry transition
2
nV-s
DAC-to-DAC Crosstalk
(Note 4)
15
nV-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com