| Electronic Components Datasheet Search |
|
86115D2 Datasheet(PDF) 26 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
86115D2 Datasheet(HTML) 26 Page - Keysight Technologies |
|
26 / 37 page ![]() 26 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet Software Applications (Continued) 86100D-SIM InfiniiSim-DCA At higher data rates, the effect of measurement fixtures and channels is prominent and can be accounted for through the de-embedding capabilities within Option SIM. You may also view measurements on live and simulated signals, allowing you to compare design intent to actual performance. N1012A OIF CEI compliance and debug application The N1012A application lets you fully characterize the ~120 transmitter test parameters (including 28G-VSR), reducing your test time from hours to minutes. Included are return loss tests and several utilities to improve your test productivity. Debug mode enables you to characterize your devices well beyond the parameters prescribed in the implementation agreements. N1014A SFF-8431 compliance and debug application The N1014A application lets you fully characterize ~70 test parameters including all transmitter tests for host, module and host copper and all test signals for receiver testing. Return loss tests and utilities are also included. N1019A user-defined application You may create your own test application or suite of tests using the DCA-X and other instruments. Quickly and intuitively create groups of tests, test descriptions, user prompts and test limits. Use concise HTML reports to share your multiple test results with your users. N1081-4A IEEE802.3 Ethernet applications The extensive requirements for IEEE802.3-2012, 802.3bj and 802.3bm are covered in these four applications, which comprise > 400 tests. Characterize your device for one, four or ten lanes, and analyze trends over time/temperature and between devices. 86100D-BFP Automatic Fixture Removal (AFR) When measuring physical layer devices with non-coaxial interfaces, test fixtures or probes are often used to connect the device under test (DUT) to the measurement equipment. For accurate measurements of the DUT, the fixtures or probes need to be characterized and their effects removed from the composite measurement of the DUT plus test fixture or probe combination. This option adds the Automatic Fixture Removal (AFR) capability from Keysight’s powerful N1930B Physical Layer Test System (PLTS) software to help you characterize a fixture or probe with non-coaxial interfaces. Fixtures and probes to be characterized can be single-ended or differential. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |