Electronic Components Datasheet Search
  English  ▼

X  

86115D2 Datasheet(PDF) 15 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 15 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 11Page - Keysight Technologies 86115D2 Datasheet HTML 12Page - Keysight Technologies 86115D2 Datasheet HTML 13Page - Keysight Technologies 86115D2 Datasheet HTML 14Page - Keysight Technologies 86115D2 Datasheet HTML 15Page - Keysight Technologies 86115D2 Datasheet HTML 16Page - Keysight Technologies 86115D2 Datasheet HTML 17Page - Keysight Technologies 86115D2 Datasheet HTML 18Page - Keysight Technologies 86115D2 Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
15 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode and multimode optical/electrical (Continued)
Multiple and single-mode
optical/electrical modules
86105C
86105D
86105D
Option 281
86115D
Option 002, 102, 142 1
86115D
Option 004, 104, 144 1
Optical channel specifications (Continued)
User calibrated accuracy
Single-mode
± 3% ± 200 nW
± 2% ± 100 nW
± 3% ± 200 nW
± 2% ± 100 nW
± 2% ± 100 nW
± Power meter
± Power meter
± Power meter
± Power meter
± Power meter
Uncertainty
Uncertainty
Uncertainty
Uncertainty
Uncertainty
< 5 °C change
< 5 °C change
Multimode (characteristic)
± 10% ± 200 nW
± 10% ± 200 nW
± 10% ± 200 nW
± 10% ± 200 nW
± 10% ± 200 nW
± Power meter
± Power meter
± Power meter
± Power meter
± Power meter
Uncertainty
Uncertainty
Uncertainty
Uncertainty
Uncertainty
< 5 °C change
Maximum input power
Maximum non-destruct average
0.5 mW (–3 dBm)
5 mW (7 dBm)
5 mW (+7 dBm)
1310/1550 nm
5 mW (7 dBm)
5 mW (7 dBm)
Single mode:
6 mW (+8 dBm)
850 nm
Multimode:
3 mW (+5 dBm)
Maximum non-destruct peak
5 mW (+7 dBm)
10 mW (10 dBm)
10 mW (+10 dBm)
10 mW (10 dBm)
10 mW (10 dBm)
Fiber input
62.5/125 μm
62.5/125 μm
62.5/125 µm
62.5/125 μm
62.5/125 μm
User-selectable
User-selectable
User-selectable
Connector
Connector
Connector
Polarization dependent loss at
1550 nm
0.2 dB
(characteristic)
Input return loss (HMS-10 connector
fully filled fiber)
850 nm > 13 dB
27 dB single-mode > 24 dB (1550 nm
single mode)
27 dB single-mode
27 dB single-mode
1310 nm/1550 nm
14 dB multimode
> 24 dB (1310 nm
single mode)
14 dB multimode
14 dB multimode
> 24 dB
> 13 dB (850 nm
multimode)
1. Options 102 and 104 do not include filters for 14.025 Gb/s. Options 142 and 144 include filters for 14.025 Gb/s and no other rates.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com